Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3307E Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3307E
Description  15 kV ESD Protected, 2.7 V to 3.6 V Serial
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3307E Datasheet(HTML) 5 Page - Analog Devices

  ADM3307E_15 Datasheet HTML 1Page - Analog Devices ADM3307E_15 Datasheet HTML 2Page - Analog Devices ADM3307E_15 Datasheet HTML 3Page - Analog Devices ADM3307E_15 Datasheet HTML 4Page - Analog Devices ADM3307E_15 Datasheet HTML 5Page - Analog Devices ADM3307E_15 Datasheet HTML 6Page - Analog Devices ADM3307E_15 Datasheet HTML 7Page - Analog Devices ADM3307E_15 Datasheet HTML 8Page - Analog Devices ADM3307E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
Data Sheet
ADM3307E/ADM3310E/ADM3311E/ADM3312E/ADM3315E
Rev. I | Page 5 of 24
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
Maximum Data Rate
ADM3307E
250
720
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF, VCC = 2.7 V
460
920
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF, VCC = 3.0 V
ADM3310E, ADM3311E, ADM3312E,
ADM3315E
250
460
kbps
RL = 3 kΩ to 7 kΩ, CL = 50 pF to 1000 pF, VCC = 3.0 V
Receiver Propagation Delay, TPHL, TPLH
0.3
µs
CL = 150 pF
0.17
1
µs
CL = 150 pF; ADM3307E only
Receiver Output Enable Time, tER
100
ns
Receiver Output Disable Time, tDR
300
ns
Transmitter Propagation Delay, TPHL, TPLH
500
ns
RL = 3 kΩ, CL = 1000 pF
Transition Region Slew Rate
3
18
V/µs
RL = 3 kΩ, CL = 50 pF to 1000 pF1
ESD PROTECTION (I/O PINS)
±15
kV
Human body model
±15
kV
IEC 1000-4-2 air discharge
±8
kV
IEC 1000-4-2 contact discharge2
1
Measured at +3 V to −3 V or −3 V to +3 V.
2
Includes CMOS I/O, SD, and EN for ADM3307E.


Similar Part No. - ADM3307E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3307EACP AD-ADM3307EACP Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL AD-ADM3307EACP-REEL Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACP-REEL7 AD-ADM3307EACP-REEL7 Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3307EACPZ AD-ADM3307EACPZ Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
More results

Similar Description - ADM3307E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3310E AD-ADM3310E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3311E AD-ADM3311E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3312E AD-ADM3312E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3315E AD-ADM3315E_15 Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial
Rev. I
ADM3307E AD-ADM3307E Datasheet
312Kb / 16P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
REV. G
ADM3307E AD-ADM3307E_V01 Datasheet
486Kb / 20P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle
Rev. J
ADM3312EARUZ AD-ADM3312EARUZ Datasheet
425Kb / 24P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceivers with Green Idle?
Rev. I
ADM3311E AD-ADM3311E Datasheet
180Kb / 12P
   15 kV ESD Protected, 2.7 V to 3.6 V Serial Port Transceiver with Green Idle?
REV. A
ADM3075EWYRZ AD-ADM3075EWYRZ Datasheet
528Kb / 20P
   3.3 V, 15,-15 kV ESD-Protected
Rev. E
logo
STMicroelectronics
ST202EB STMICROELECTRONICS-ST202EB Datasheet
724Kb / 18P
   /- 15 kV ESD protected 5 V RS-232 transceiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com