Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3232EARUZ-REEL7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADM3232EARUZ-REEL7
Description  Line Driver/Receiver
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3232EARUZ-REEL7 Datasheet(HTML) 1 Page - Analog Devices

  ADM3232EARUZ-REEL7 Datasheet HTML 1Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 2Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 3Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM3232EARUZ-REEL7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
±15 kV ESD Protected, 3.3 V, RS-232
Line Driver/Receiver
ADM3232E
Rev. B
Information furnished by Analog Devices is believed to be accurate and reliable. However, no
responsibilityis assumedbyAnalogDevicesforitsuse,norforanyinfringements of patents or other
rightsofthirdpartiesthatmayresultfromitsuse.Specificationssubjecttochangewithoutnotice.No
license is granted by implication or otherwise under any patent or patent rights of Analog Devices.
Trademarksandregisteredtrademarksarethepropertyoftheirrespectiveowners.
One Technology Way, P.O. Box 9106, Norwood, MA 02062-9106, U.S.A.
Tel: 781.329.4700
www.analog.com
Fax: 781.461.3113
©2006–2011 Analog Devices, Inc. All rights reserved.
FEATURES
Data rate: 460 kbps
2 Tx and 2 Rx
Meets EIA-232E specifications
0.1 μF charge pump capacitors
ESD protection to IEC 1000-4-2 (801.2) on RS-232 I/Os
Contact discharge: ±8 kV
Air gap discharge: ±15 kV
APPLICATIONS
General-purpose RS-232 data link
Portable instruments
Handsets
Industrial/telecom diagnostic ports
FUNCTIONAL BLOCK DIAGRAM
C1+
C2+
C1–
C2–
VCC
V–
V+
T1IN
T1OUT
T2IN
T2OUT
R1OUT
R1IN
R2OUT
R2IN
TTL/CMOS
INPUTS
RS-232
OUTPUTS
TTL/CMOS
OUTPUTS
RS-232
INPUTS*
T1
T2
R1
R2
+
+
C1
0.1µF
10V
C2
0.1µF
10V
GND
ADM3232E
C3
0.1µF
6.3V
+3.3V INPUT
+3.3V TO +6.6V
VOLTAGE
DOUBLER
+6.6V TO –6.6V
VOLTAGE
INVERTER
C5
0.1µF
C4
0.1µF
10V
*INTERNAL 5kΩ PULL-DOWN RESISTOR
ON EACH RS-232 INPUT.
5kΩ
5kΩ
Figure 1.
GENERAL DESCRIPTION
The ADM3232E transceiver is a high speed, 2-channel RS-232/V.28
interface device that operates from a single 3.3 V power supply.
Low power consumption makes it ideal for battery-powered
portable instruments. The ADM3232E conforms to the EIA-232E
and ITU-T V.28 specifications and operates at data rates up to
460 kbps.
All RS-232 (TxOUT and RxIN) inputs and outputs are protected
against electrostatic discharges (up to ±15 kV ESD protection).
This ensures compliance with IEC 1000-4-2 requirements.
This device is ideally suited for operation in electrically harsh
environments or where RS-232 cables are frequently plugged/
unplugged, with the ±15 kV ESD protection of the ADM3232E
RS-232 input/output pins.
Emissions are also controlled to within very strict limits. CMOS
technology is used to keep the power dissipation to an absolute
minimum, allowing maximum battery life in portable applications.
Four external 0.1 μF charge pump capacitors are used for the
voltage doubler/inverter, permitting operation from a single
3.3 V supply.
The ADM3232E is available in a 16-lead narrow and wide SOIC
packages, as well as a space-saving 16-lead TSSOP.


Similar Part No. - ADM3232EARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3232EARUZ-REEL7 AD-ADM3232EARUZ-REEL7 Datasheet
266Kb / 12P
   -15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
REV. 0
ADM3232EARUZ-REEL7 AD-ADM3232EARUZ-REEL7 Datasheet
232Kb / 12P
   ±15 kV ESD Protected, 3.3 V, RS-232 Line Driver/Receiver
Rev. B
More results

Similar Description - ADM3232EARUZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC396 MICROSEMI-TSC396 Datasheet
1Mb / 6P
   Line Driver/Receiver
logo
Unisonic Technologies
UT3221 UTC-UT3221 Datasheet
267Kb / 10P
   LINE DRIVER/RECEIVER
logo
System Logic Semiconduc...
SL75232 SLS-SL75232 Datasheet
46Kb / 5P
   Line Driver / Receiver
logo
New Japan Radio
NJU6402B NJRC-NJU6402B Datasheet
222Kb / 7P
   RS232C LINE DRIVER/RECEIVER?
logo
Elantec Semiconductor
EL1501C ELANTEC-EL1501C Datasheet
139Kb / 2P
   Differential Line Driver/Receiver
logo
Texas Instruments
SN75155 TI1-SN75155_14 Datasheet
479Kb / 17P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701 TI-SN751701 Datasheet
237Kb / 14P
[Old version datasheet]   LINE DRIVER AND RECEIVER
SN751701PSRG4 TI-SN751701PSRG4 Datasheet
395Kb / 16P
[Old version datasheet]   LINE DRIVER AND RECEIVER
logo
New Japan Radio
NJU6401B NJRC-NJU6401B Datasheet
223Kb / 7P
   RS232C LINE DRIVER/RECEIVER
logo
Texas Instruments
SN751730 TI-SN751730 Datasheet
127Kb / 8P
[Old version datasheet]   TRIPLE LINE DRIVER/RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com