Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3483E Datasheet(PDF) 3 Page - Analog Devices

Part # ADM3483E
Description  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3483E Datasheet(HTML) 3 Page - Analog Devices

  ADM3483E_15 Datasheet HTML 1Page - Analog Devices ADM3483E_15 Datasheet HTML 2Page - Analog Devices ADM3483E_15 Datasheet HTML 3Page - Analog Devices ADM3483E_15 Datasheet HTML 4Page - Analog Devices ADM3483E_15 Datasheet HTML 5Page - Analog Devices ADM3483E_15 Datasheet HTML 6Page - Analog Devices ADM3483E_15 Datasheet HTML 7Page - Analog Devices ADM3483E_15 Datasheet HTML 8Page - Analog Devices ADM3483E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 3 of 20
GENERAL DESCRIPTION
(continued from Page 1)
The driver outputs of the ADM3483E/ADM3486E/
ADM3488E are slew rate limited, in order to reduce EMI
and data errors caused by reflections from improperly
terminated buses. The receiver has a fail-safe feature that
ensures a logic high output when the inputs are floating.
Excessive power dissipation caused by bus contention
or by output shorting is prevented with a thermal shut-
down circuit.
The parts are fully specified over the industrial temperature range
and are available in 8-lead and 14-lead narrow SOIC packages.
Table 1. Selection Table
Part No.
Guaranteed Data
Rate (Mbps)
Supply
Voltage (V)
Half/Full
Duplex
Slew Rate
Limited
Driver/Receiver
Enable
±15 kV ESD Protection
on Bus Pins
Pin Count
ADM3483E
0.25
3.0 to 3.6
Half
Yes
Yes
Yes
8
ADM3486E
2.5
3.0 to 3.6
Half
Yes
Yes
Yes
8
ADM3488E
0.25
3.0 to 3.6
Full
Yes
No
Yes
8
ADM3490E
12
3.0 to 3.6
Full
No
No
Yes
8
ADM3491E
12
3.0 to 3.6
Full
No
Yes
Yes
14


Similar Part No. - ADM3483E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3483EARZ AD-ADM3483EARZ Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3483EARZ-REEL7 AD-ADM3483EARZ-REEL7 Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3483E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com