Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3244 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL3244
Description  1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3244 Datasheet(HTML) 5 Page - Intersil Corporation

  ICL3244 Datasheet HTML 1Page - Intersil Corporation ICL3244 Datasheet HTML 2Page - Intersil Corporation ICL3244 Datasheet HTML 3Page - Intersil Corporation ICL3244 Datasheet HTML 4Page - Intersil Corporation ICL3244 Datasheet HTML 5Page - Intersil Corporation ICL3244 Datasheet HTML 6Page - Intersil Corporation ICL3244 Datasheet HTML 7Page - Intersil Corporation ICL3244 Datasheet HTML 8Page - Intersil Corporation ICL3244 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
4-5
Detailed Description
ICL32XX interface ICs operate from a single +3V to +5.5V
supply, guarantee a 250kbps minimum data rate, require
only four small external 0.1
µF capacitors, feature low power
consumption, and meet all ElA RS-232C and V.28
specifications. The circuit is divided into three sections: The
charge pump, the transmitters, and the receivers.
Charge-Pump
Intersil’s new ICL32XX family utilizes regulated on-chip dual
charge pumps as voltage doublers, and voltage inverters to
generate
±5.5V transmitter supplies from a VCC supply as
low as 3.0V. This allows these devices to maintain RS-232
compliant output levels over the
±10% tolerance range of
3.3V powered systems. The efficient on-chip power supplies
require only four small, external 0.1
µF capacitors for the
voltage doubler and inverter functions at VCC = 3.3V. See
the “Capacitor Selection” section, and Table 3 for capacitor
recommendations for other operating conditions. The charge
pumps operate discontinuously (i.e., they turn off as soon as
the V+ and V- supplies are pumped up to the nominal
values), resulting in significant power savings.
Transmitters
The transmitters are proprietary, low dropout, inverting
drivers that translate TTL/CMOS inputs to EIA/TIA-232
output levels. Coupled with the on-chip
±5.5V supplies,
these transmitters deliver true RS-232 levels over a wide
range of single supply system voltages.
Transmitter outputs disable and assume a high impedance
state when the device enters the powerdown mode (see
Table 2). These outputs may be driven to
±12V when
disabled.
All devices guarantee a 250kbps data rate for full load
conditions (3k
Ω and 1000pF), VCC ≥ 3.0V, with one
transmitter operating at full speed. Under more typical
conditions of VCC ≥ 3.3V, RL = 3kΩ, and CL = 250pF, one
transmitter easily operates at 1Mbps.
Transmitter inputs float if left unconnected, and may cause
ICC increases. Connect unused inputs to GND for the best
performance.
Receivers
The ICL3244 contains both standard inverting, tri-stable
receivers, and a single noninverting (monitor) receiver
(denoted by the ROUTB label) that is always active,
regardless of the state of any control lines. Both receiver
types convert RS-232 signals to CMOS output levels and
accept inputs up to
±25V while presenting the required 3kΩ
to 7k
Ω input impedance (see Figure 1) even if the power is
off (VCC = 0V). The receivers’ Schmitt trigger input stage
uses hysteresis to increase noise immunity and decrease
errors due to slow input signal transitions.
The inverting receivers disable during forced (manual)
powerdown, but not during automatic powerdown (see Table
2). Conversely, the monitor receiver remains active even
TABLE 2. POWERDOWN LOGIC TRUTH TABLE
RCVR OR
XMTR
EDGE
WITHIN 30
SEC?
FORCEOFF
INPUT
FORCEON
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
ROUTB
OUTPUTS
RS-232
LEVEL
PRESENT
AT
RECEIVER
INPUT?
INVALID
OUTPUT
MODE OF OPERATION
ICL3244
NO
H
H
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Powerdown Disabled)
NO
H
H
Active
Active
Active
Yes
H
YES
H
L
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Powerdown Enabled)
YES
H
L
Active
Active
Active
Yes
H
NO
H
L
High-Z
Active
Active
No
L
Powerdown Due to Enhanced
Auto Powerdown Logic
NO
H
L
High-Z
Active
Active
Yes
H
X
L
X
High-Z
High-Z
Active
No
L
Manual Powerdown
X
L
X
High-Z
High-Z
Active
Yes
H
ICL3244 - INVALID DRIVING FORCEON AND FORCEOFF (EMULATES AUTOMATIC POWERDOWN)
X
Note 3
Note 3
Active
Active
Active
Yes
H
Normal Operation
X
Note 3
Note 3
High-Z
High-Z
Active
No
L
Forced Auto Powerdown
NOTE:
3. Input is connected to INVALID Output.
ICL3244


Similar Part No. - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244 INTERSIL-ICL3244 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244 INTERSIL-ICL3244 Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244CA INTERSIL-ICL3244CA Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3244E INTERSIL-ICL3244E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3244

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com