Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL3244CB Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL3244CB
Description  1Microamp, 3V to 5.5V, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL3244CB Datasheet(HTML) 4 Page - Intersil Corporation

  ICL3244CB Datasheet HTML 1Page - Intersil Corporation ICL3244CB Datasheet HTML 2Page - Intersil Corporation ICL3244CB Datasheet HTML 3Page - Intersil Corporation ICL3244CB Datasheet HTML 4Page - Intersil Corporation ICL3244CB Datasheet HTML 5Page - Intersil Corporation ICL3244CB Datasheet HTML 6Page - Intersil Corporation ICL3244CB Datasheet HTML 7Page - Intersil Corporation ICL3244CB Datasheet HTML 8Page - Intersil Corporation ICL3244CB Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4-4
Output Resistance
VCC = V+ = V- = 0V, Transmitter Output = ±2V
Full
300
10M
-
Output Short-Circuit Current
Full
-
±35
±60
mA
Output Leakage Current
VOUT = ±12V, VCC = 0V or 3V to 5.5V,
Automatic Powerdown or FORCEOFF = GND
Full
-
-
±25
µA
MOUSE DRIVEABILITY
Transmitter Output Voltage
(Figure 11)
T1IN =T2IN = GND, T3IN =VCC,T3OUT Loaded with 3kΩ to
GND, T1OUT and T2OUT Loaded with 2.5mA Each
Full
±5-
-
V
ENHANCED AUTOMATIC POWERDOWN (FORCEON = GND, FORCEOFF = VCC)
Receiver Input Thresholds to
INVALID High
ICL3244 Powers Up (Figure 6)
Full
-2.7
-
2.7
V
Receiver Input Thresholds to
INVALID Low
ICL3244 Powers Down (Figure 6)
Full
-0.3
-
0.3
V
INVALID Output Voltage Low
IOUT = 1.6mA
Full
-
-
0.4
V
INVALID Output Voltage High
IOUT = -1.0mA
Full
VCC-0.6
-
-
V
Receiver Positive or Negative
Threshold to INVALID High Delay
(tINVH)
25
-
1
-
µs
Receiver Positive or Negative
Threshold to INVALID Low Delay
(tINVL)
25
-
30
-
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay (tWU)
Note 2
25
-
100
-
µs
Receiver or Transmitter Edge to
Transmitters Enabled Delay
(tAUTOPWDN)
Note 2
Full
15
30
60
s
TIMING CHARACTERISTICS
Maximum Data Rate
RL = 3kΩ, CL = 1000pF, One Transmitter Switching
Full
250
500
-
kbps
Receiver Propagation Delay
Receiver Input to Receiver
Output, CL = 150pF
tPHL
25
-
0.15
-
µs
tPLH
25
-
0.15
-
µs
Receiver Output Enable Time
Normal Operation
25
-
200
-
ns
Receiver Output Disable Time
Normal Operation
25
-
200
-
ns
Transmitter Skew
tPHL - tPLH
25
-
100
-
ns
Receiver Skew
tPHL - tPLH
25
-
50
-
ns
Transition Region Slew Rate
VCC = 3.3V,
RL = 3kΩ to 7kΩ,
Measured From 3V to -3V or -3V
to 3V
CL = 150pF to 1000pF
25
6
-
30
V/
µs
CL = 150pF to 2500pF
25
4
8
30
V/
µs
ESD PERFORMANCE
RS-232 Pins (TOUT, RIN)
Human Body Model
25
-
>
±8-
kV
IEC1000-4-2 Contact Discharge
25
-
±8-
kV
IEC1000-4-2 Air Gap Discharge
25
-
±8-
kV
All Other Pins
Human Body Model
25
-
±3-
kV
NOTE:
2. An “edge” is defined as a transition through the transmitter or receiver input thresholds.
Electrical Specifications
Test Conditions: VCC = 3V to 5.5V, C1 - C4 = 0.1µF; Unless Otherwise Specified.
Typicals are at TA = 25
oC (Continued)
PARAMETER
TEST CONDITIONS
TEMP
(oC)
MIN
TYP
MAX
UNITS
ICL3244


Similar Part No. - ICL3244CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3244CA INTERSIL-ICL3244CA Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results

Similar Description - ICL3244CB

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL3224E INTERSIL-ICL3224E Datasheet
458Kb / 19P
   15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3224E RENESAS-ICL3224E Datasheet
852Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3224ECAZ INTERSIL-ICL3224ECAZ Datasheet
405Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
February 27, 2006
ICL3224E INTERSIL-ICL3224E_06 Datasheet
388Kb / 20P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224_06 Datasheet
400Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
logo
Renesas Technology Corp
ICL3238E RENESAS-ICL3238E Datasheet
665Kb / 14P
   짹15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
logo
Intersil Corporation
ICL3226CA INTERSIL-ICL3226CA Datasheet
408Kb / 18P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3224 INTERSIL-ICL3224 Datasheet
445Kb / 20P
   1 Microamp, 3V to 5.5V, 250kbps, RS-232 Transceivers with Enhanced Automatic Powerdown
ICL3238E INTERSIL-ICL3238E Datasheet
319Kb / 14P
   -15kV ESD Protected, 3V to 5.5V, 10nA, 250kbps, RS-232 Transceiver with Enhanced Automatic Powerdown
ICL3227E INTERSIL-ICL3227E Datasheet
383Kb / 19P
   -15kV ESD Protected, 3V to 5.5V, 1Microamp, 1Mbps, RS-232 Transceivers with Enhanced Automatic Powerdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com