Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MZ8810C Datasheet(PDF) 3 Page - M/A-COM Technology Solutions, Inc.

Part # MZ8810C
Description  Triple-Balanced Mixer
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

MZ8810C Datasheet(HTML) 3 Page - M/A-COM Technology Solutions, Inc.

  MZ8810C_15 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MZ8810C_15 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MZ8810C_15 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
3
Triple-Balanced Mixer
Rev. V3
MZ8810 / MZ8810C
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Absolute Maximum Ratings
Parameter
Absolute Maximum
Operating Temperature
-54ºC to +100ºC
Storage Temperature
-65ºC to +100ºC
Peak Input Power
+26 dBm max @ +25ºC
+23 dBm max @ +100ºC
Peak Input Current
mA DC
Outline Drawing: Versapac
*
Outline Drawing: SMA Connectorized
*
Dimensions are inches (millimeters) ±0.015 (0.38) unless otherwise specified.
Weight: 4 grams (0.14 oz.) max
Weight: 13 grams (0.46 oz.) max


Similar Part No. - MZ8810C_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810C MACOM-MZ8810C Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
MZ8810C MA-COM-MZ8810C Datasheet
134Kb / 3P
   Triple-Balanced Mixer
MZ8810C MA-COM-MZ8810C Datasheet
139Kb / 3P
   Triple-Balanced Mixer
More results

Similar Description - MZ8810C_15

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MZ8810 MACOM-MZ8810 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
MY89 MACOM-MY89 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MY93 MACOM-MY93 Datasheet
143Kb / 2P
   TRIPLE-BALANCED MIXER
MZ9313 MACOM-MZ9313 Datasheet
122Kb / 2P
   TRIPLE-BALANCED MIXER
M51M51C MACOM-M51M51C Datasheet
135Kb / 2P
   TRIPLE-BALANCED MIXER
logo
M/A-COM Technology Solu...
M2TC MA-COM-M2TC_15 Datasheet
933Kb / 3P
   Triple-Balanced Mixer
MY52 MA-COM-MY52_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MY52C MA-COM-MY52C_15 Datasheet
166Kb / 3P
   Triple-Balanced Mixer
MZ5010C MA-COM-MZ5010C_15 Datasheet
152Kb / 3P
   Triple-Balanced Mixer
M52C MA-COM-M52C_15 Datasheet
1Mb / 3P
   Triple-Balanced Mixer
MY82C MA-COM-MY82C_15 Datasheet
83Kb / 2P
   Triple-Balanced Mixer
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com