Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7117 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7117
Description  31/2 Digit, LCD/LED Display, A/D Converter with Display Hold
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7117 Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7117 Datasheet HTML 1Page - Intersil Corporation ICL7117 Datasheet HTML 2Page - Intersil Corporation ICL7117 Datasheet HTML 3Page - Intersil Corporation ICL7117 Datasheet HTML 4Page - Intersil Corporation ICL7117 Datasheet HTML 5Page - Intersil Corporation ICL7117 Datasheet HTML 6Page - Intersil Corporation ICL7117 Datasheet HTML 7Page - Intersil Corporation ICL7117 Datasheet HTML 8Page - Intersil Corporation ICL7117 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
Absolute Maximum Ratings
Thermal Information
Supply Voltage
ICL7116, V+ to V- . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15V
ICL7117, V+ to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 6V
ICL7117, V- to GND . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .-9V
Analog Input Voltage (Either Input) (Note 1). . . . . . . . . . . . . V+ to V-
Reference Input Voltage (Either Input) . . . . . . . . . . . . . . . . . V+ to V-
Clock Input
ICL7116 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . TEST to V+
ICL7117 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . GND to V+
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 2)
θ
JA (
oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
50
MQFP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . .
80
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(MQFP - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
(Note 3) TA = 25
oC, f
CLOCK = 48kHz, VREF = 100mV
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
SYSTEM PERFORMANCE
Zero Input Reading
VIN = 0V, Full Scale = 200mV
-000.0
±000.0 +000.0
Digital
Reading
Ratiometric Reading
VlN = VREF, VREF = 100mV
999
999/
1000
1000
Digital
Reading
Rollover Error
-VIN = +VlN ≅ 195mV Difference in Reading for Equal
Positive and Negative Inputs Near Full Scale
-
±0.2
±1
Counts
Linearity
Full Scale = 200mV or Full Scale = 2V Maximum
Deviation from Best Straight Line Fit (Note 5)
-
±0.2
±1
Counts
Common Mode Rejection Ratio
VCM = ±1V, VIN = 0V, Full Scale = 200mV (Note 5)
-
50
-
µV/V
Noise
VIN = 0V, Full Scale = 200mV (Peak-To-Peak Value
Not Exceeded 95% of Time) (Note 5)
-15-
µV
Leakage Current Input
VlN = 0 (Note 5)
-
1
10
pA
Zero Reading Drift
VlN = 0, 0
o
C To
70oC (Note 5)
-
0.2
1
µV/oC
Scale Factor Temperature Coefficient
VIN = 199mV, 0
o
C To
70oC (Note 5)
-
1
5
ppm/oC
V+ Supply Current
VIN = 0 (Does Not Include LED Current for ICL7117)
-
1.0
1.8
mA
V- Supply Current
ICL7117 Only
-
0.6
1.8
mA
COMMON Pin Analog Common Voltage
25k
Ω Between Common and Positive Supply (With
Respect to + Supply)
2.4
3.0
3.2
V
Temperature Coefficient of Analog Common
25k
Ω Between Common and Positive Supply (With
Respect to + Supply) (Note 5)
-
80
-
ppm/oC
DISPLAY DRIVER (ICL7116 ONLY)
Peak-To-Peak Segment Drive Voltage
Peak-To-Peak Backplane Drive Voltage
V+ = to V- = 9V, (Note 4)
4
5.5
6
V
DISPLAY DRIVER (ICL7117 ONLY)
Segment Sinking Current
V+ = 5V, Segment Voltage = 3V
(Except Pins 19 and 20)
58
-
mA
Pin 19 Only
10
16
-
mA
Pin 20 Only
47
-
mA
NOTES:
3. Unless otherwise noted, specifications apply to both the ICL7116 and ICL7117. ICL7116 is tested in the circuit of Figure 1. ICL7117 is
tested in the circuit of Figure 2.
4. Back plane drive is in phase with segment drive for ‘off’ segment, 180 degrees out of phase for ‘on’ segment. Frequency is 20 times con-
version rate. Average DC component is less than 50mV.
5. Not tested, guaranteed by design.
ICL7116, ICL7117


Similar Part No. - ICL7117

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7117 INTERSIL-ICL7117 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Maxim Integrated Produc...
ICL7117C/D MAXIM-ICL7117C/D Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
ICL7117C/D MAXIM-ICL7117C/D Datasheet
411Kb / 8P
   3쩍 Digit ADCs with Display Hold
2017
logo
Intersil Corporation
ICL7117CDL INTERSIL-ICL7117CDL Datasheet
6Mb / 180P
   Data Acquisition
logo
Maxim Integrated Produc...
ICL7117CJL MAXIM-ICL7117CJL Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
More results

Similar Description - ICL7117

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7117RCPL MAXIM-ICL7117RCPL Datasheet
197Kb / 4P
   31/2 Digit A/D Converter With Display Hold
Rev 0; 1985
logo
Renesas Technology Corp
ICL7106 RENESAS-ICL7106 Datasheet
919Kb / 17P
   31/2 Digit, LCD/LED Display, A/D Converters
logo
Maxim Integrated Produc...
MAX136 MAXIM-MAX136_V01 Datasheet
1Mb / 5P
   Low Power, 31?? Digit A/D Converter with Display Hold
2012
logo
Renesas Technology Corp
ICL7136 RENESAS-ICL7136 Datasheet
793Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
logo
Intersil Corporation
ICL7136CPL INTERSIL-ICL7136CPL Datasheet
498Kb / 15P
   31/2 Digit LCD, Low Power Display, A/D Converter with Overrange Recovery
July 21, 2005
logo
Maxim Integrated Produc...
ICL7116 MAXIM-ICL7116 Datasheet
193Kb / 4P
   3쩍 Digit A/D Converter With Display Hold
19-5038; Rev 0; 1985
logo
Intersil Corporation
HI7106 INTERSIL-HI7106_02 Datasheet
243Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
HI7106 INTERSIL-HI7106 Datasheet
123Kb / 11P
   3 1/2 Digit, LCD/LED Display, A/D Converter
logo
New Japan Radio
NJU9203B NJRC-NJU9203B Datasheet
200Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER WITH DISPLAY HOLD
logo
Microchip Technology
TC815 MICROCHIP-TC815 Datasheet
595Kb / 26P
   3-1/2 Digit Auto-Ranging A/D Converter with Triplex LCD Drive and Display Hold Function
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com