Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NV4V31MF Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # NV4V31MF
Description  Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

NV4V31MF Datasheet(HTML) 7 Page - Renesas Technology Corp

  NV4V31MF_15 Datasheet HTML 1Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 2Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 3Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 4Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 5Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 6Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 7Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 8Page - Renesas Technology Corp NV4V31MF_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
NV4V31MF
Chapter Title
R08DS0045EJ0200 Rev.2.00
Page 7 of 7
Jun 20, 2013
SAFETY INFORMATION ON THIS PRODUCT
DANGER
VISIBLE LASER RADIATION
AVOID EYE OR SKIN EXPOSURE TO
DIRECT OR SCATTERED RADIATION
OUTPUT POWER 3W MAX
WAVELENGTH 400 to 680nm
CLASS IV LASER PRODUCT
AVOID EXPOSURE-Invisible
Laser Radiation is emitted from
this aperture
SEMICONDUCTOR LASER
Warning
Laser Beam
A laser beam is emitted from this diode during operation.
If the laser beam or its reflection enters your eye, it may cause injury to the eye or loss of eyesight.
(Note that, depending on the wavelength of the beam, the laser beam might not be visible.)
• Do not look directly into the laser beam.
• Avoid exposure to the laser beam, any reflected or collimated beam.
<R>


Similar Part No. - NV4V31MF_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NV4V31MF RENESAS-NV4V31MF_12 Datasheet
249Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
More results

Similar Description - NV4V31MF_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NV4V31SF RENESAS-NV4V31SF_15 Datasheet
295Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
California Eastern Labs
NV4V31SF CEL-NV4V31SF Datasheet
586Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Renesas Technology Corp
NV4V31MF RENESAS-NV4V31MF Datasheet
201Kb / 8P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF RENESAS-NV4V31MF_12 Datasheet
249Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF_15 Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31SF RENESAS-NV4V31SF Datasheet
284Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V41SF RENESAS-NV4V41SF Datasheet
278Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
California Eastern Labs
NV4V41SF CEL-NV4V41SF Datasheet
581Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
NV4V31MF CEL-NV4V31MF Datasheet
733Kb / 9P
   Blue-Violet Laser Diode 405 nm Blue-Violet Laser Light Source
logo
Sanyo Semicon Device
DL-LS5010 SANYO-DL-LS5010 Datasheet
19Kb / 1P
   BLUE-VIOLET LASER DIODE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com