Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7129CM44 Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL7129CM44
Description  41/2 Digit LCD, Single-Chip A/D Converter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7129CM44 Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL7129CM44 Datasheet HTML 3Page - Intersil Corporation ICL7129CM44 Datasheet HTML 4Page - Intersil Corporation ICL7129CM44 Datasheet HTML 5Page - Intersil Corporation ICL7129CM44 Datasheet HTML 6Page - Intersil Corporation ICL7129CM44 Datasheet HTML 7Page - Intersil Corporation ICL7129CM44 Datasheet HTML 8Page - Intersil Corporation ICL7129CM44 Datasheet HTML 9Page - Intersil Corporation ICL7129CM44 Datasheet HTML 10Page - Intersil Corporation ICL7129CM44 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
3-39
In low resolution applications, where the converter uses only
31/2 digits and 100µV resolution, an R-C type oscillator is ade-
quate. In this application a C of 51pF is recommended and the
resistor value selected from fOSC = 0.45/RC. However, when
the converter is used to its full potential (41/2 digits and 10µV
resolution) a crystal oscillator is recommended to prevent the
noise from increasing as the input signal is increased due to
frequency jitter of the R-C oscillator. Both R-C and crystal oscil-
lator circuits are shown in Figure 12.
Powering the ICL7129
The ICL7129 may be operated as a battery powered hand-held
instrument or integrated into larger systems that have more
sophisticated power supplies. Figures 13, 14, and 15 show
various powering modes that may be used with the ICL7129.
The standard supply connection using a 9V battery is shown
in the Typical Application Schematic.
The power connection for systems with +5V and -5V sup-
plies available is shown in Figure 13. Notice that measure-
ments are with respect to ground. COMMON is also tied to
INLO to remove any common-mode voltage swing on the
integrator amplifier inputs.
It is important to notice that in Figure 13, digital ground of the
ICL7129 (DGND pin 36) is not directly connected to power
supply ground. DGND is set internally to approximately 5V
less than the V+ terminal and is not intended to be used as a
power input pin. It may be used as the ground reference for
external logic, as shown in Figure 4 and 5. In Figure 4, DGND
is used as the negative supply rail for external logic provided
that the supply current for the external logic does not cause
excessive loading on DGND. The DGND output can be buff-
ered as shown in Figure 5. Here, the logic supply current is
shunted away from the ICL7129 keeping the load on DGND
low. This treatment of the DGND output is necessary to insure
compatibility when the external logic is used to interface
directly with the logic inputs and outputs of the ICL7129.
When a battery voltage between 3.8V and 6V is desired for
operation, a voltage doubling circuit should be used to bring
the voltage on the ICL7129 up to a level within the power sup-
ply voltage range. This operating mode is shown in Figure 14.
Again measurements are made with respect to COMMON
since the entire system is floating. Voltage doubling is
accomplished by using an ICL7660 CMOS voltage converter
and two inexpensive electrolytic capacitors. The same princi-
ple applies in Figure 15 where the ICL7129 is being used in
a system with only a single +5V power supply. Here mea-
surements are made with respect to power supply ground.
ICL7129
2
40
75k
51pF
1
ICL7129
2
40
27k
10pF
1
120kHz
5pF
V+
V-
CRYSTAL MODE:
PARALLEL
RS < 50kΩ
CL < 12pF
CO < 5pF
FIGURE 12. RC AND CRYSTAL OSCILLATOR CIRCUITS
ICL7129
24
34
35
28
33
32
23
36
ICL8089
+5V
-5V
0.1
µF
0.1
µF
0.1
µF
VIN
V-
V+
REF HI
REF LO
DGND
COM
IN HI
IN LO
FIGURE 13. POWERING THE ICL7129 FROM +5V AND -5V
ICL7129
24
34
35
28
33
32
23
36
10
µF
VIN
V-
V+
+
-
2
4
5
+
10
µF
ICL7660
3
+
8
3.8V TO
6V
+
-
REF HI
REF LO
DGND COM
IN HI
IN LO
FIGURE 14. POWERING THE ICL7129 FROM A 3.8V TO 6V BATTERY
ICL7129
24
34
35
28
33
32
23
36
ICL8089
+5V
10
µF
0.1
µF
0.1
µF
VIN
V-
V+
+
-
2
4
5
+
10
µF
ICL7660
3
+
8
FIGURE 15. POWERING THE ICL7129 FROM A SINGLE
POLARITY POWER SUPPLY
ICL7129


Similar Part No. - ICL7129CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7129CM44 INTERSIL-ICL7129CM44 Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
More results

Similar Description - ICL7129CM44

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7135CPI INTERSIL-ICL7135CPI Datasheet
516Kb / 15P
   41/2 Digit, BCD Output, A/D Converter
August 28, 2007
ICL7129 INTERSIL-ICL7129_00 Datasheet
727Kb / 10P
   4쩍 Digit LCD, Single-Chip A/D Converter
logo
New Japan Radio
NJU9252 NJRC-NJU9252 Datasheet
237Kb / 6P
   2-DIGIT SINGLE CHIP A/D CONVERTER
logo
Maxim Integrated Produc...
ICL7129A MAXIM-ICL7129A Datasheet
628Kb / 12P
   4-1/2 Digit Single-Chip A/D Converter with LCD Driver
logo
New Japan Radio
NJU9201B NJRC-NJU9201B Datasheet
178Kb / 4P
   3.1/2 DIGIT SINGLE CHIP A/D CONVERTER
logo
Maxim Integrated Produc...
ICL7135 MAXIM-ICL7135_V01 Datasheet
734Kb / 13P
   41/2 Digit A/D Converter with Multiplexed BCD Outputs
2016
logo
Intersil Corporation
ICM7224 INTERSIL-ICM7224 Datasheet
576Kb / 7P
   41/2 Digit LCD Display Counter
logo
NTE Electronics
NTE2050 NTE-NTE2050 Datasheet
26Kb / 4P
   Integrated Circuit 31/2-Digit Single Chip A/D Converter
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com