Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7149 Datasheet(PDF) 1 Page - Intersil Corporation

Part # ICL7149
Description  33/4 Digit, Autoranging Multimeter
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7149 Datasheet(HTML) 1 Page - Intersil Corporation

  ICL7149 Datasheet HTML 1Page - Intersil Corporation ICL7149 Datasheet HTML 2Page - Intersil Corporation ICL7149 Datasheet HTML 3Page - Intersil Corporation ICL7149 Datasheet HTML 4Page - Intersil Corporation ICL7149 Datasheet HTML 5Page - Intersil Corporation ICL7149 Datasheet HTML 6Page - Intersil Corporation ICL7149 Datasheet HTML 7Page - Intersil Corporation ICL7149 Datasheet HTML 8Page - Intersil Corporation ICL7149 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
3-33
August 1997
ICL7139, ICL7149
33/4 Digit,
Autoranging Multimeter
Features
• 13 Ranges - ICL7139
- 4 DC Voltage 400mV, 4V, 40V, 400V
- 1 AC Voltage 400V
- 4 DC Current 4mA, 40mA, 400mA, 4A
- 4 Resistance 4k
Ω, 40kΩ, 400kΩ, 4MΩ
• 18 Ranges - ICL7149
- 4 DC Voltage 400mV, 4V, 40V, 400V
- 2 AC Voltage with Optional AC Circuit
- 4 DC Current 4mA, 40mA, 400mA, 4A
- 4 AC Current with Optional AC Circuit
- 4 Resistance 4k
Ω, 40kΩ, 400kΩ, 4MΩ
• Autoranging - First Reading is Always on Correct Range
• On-Chip Duplex LCD Display Drive Including Three Dec-
imal Points and 11 Annunciators
• No Additional Active Components Required
• Low Power Dissipation - Less than 20mW - 1000 Hour
Typical Battery Life
• Display Hold Input
• Continuity Output Drives Piezoelectric Beeper
• Low Battery Annunciator with On-Chip Detection
• Guaranteed Zero Reading for 0V Input on All Ranges
Description
The Intersil ICL7139 and ICL7149 are high performance, low
power, auto-ranging digital multimeter lCs. Unlike other
autoranging multimeter ICs, the ICL7139 and ICL7149
always display the result of a conversion on the correct
range. There is no “range hunting” noticeable in the display.
The unit will autorange between the four different ranges. A
manual switch is used to select the 2 high group ranges. DC
current ranges are 4mA and 40mA in the low current group,
and 400mA and 4A in the high current group. Resistance
measurements are made on 4 ranges, which are divided into
two groups. The low resistance ranges are 4/40k
Ω. The high
resistance ranges are 0.4/4M
Ω. Resolution on the lowest
range is 1
Ω.
Pinouts
Ordering Information
PART NUMBER
TEMP.
RANGE (oC)
PACKAGE
PKG. NO.
ICL7139CPL
0 to 70
40 Ld PDIP
E40.6
ICL7149CPL
0 to 70
40 Ld PDIP
E40.6
ICL7149CM44
0 to 70
44 Ld MQFP
Q44.10x10
ICL7139, ICL7149 (PDIP)
TOP VIEW
ICL7149 (MQFP)
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
POL/AC
BP2
BP1
V+
V-
VREF
LO
HI
DEINT
COMMON
INT 1
INT V/
TRIPLE POINT
CAZ
CINT
BEEPER OUT
mA/
µA
V/
Ω/A
HI
Ω-DC/LOΩ-AC
HOLD
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
ADG3/E3
B3/C3
F2/DP3
G2/E2
A2/D2
B2/C2
F1/DP2
G1/E1
A1/D1
B1/C1
F0/DP1
G0/E0
A0/D0
B0/C0
LO BAT/V
M
Ω/µA
Ω/A
k/m
OSC IN
OSC OUT
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
28
27
26
25
24
23
22
21
20
19
18
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
M
Ω/µA
Ω/A
k/m
OSC IN
OSC OUT
HOLD
BEEPER OUT
mA/
µA
V/
Ω/A
HI
Ω-DC/LOΩ-AC
NC
ADG3/E3
B3/C3
F2/DP3
G2/E2
A2/D2
POL/AC
NC
BP2
BP1
V+
NC
File Number
3088.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
http://www.intersil.com or 407-727-9207
| Copyright
© Intersil Corporation 1999


Similar Part No. - ICL7149

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7145 INTERSIL-ICL7145 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL7145JCJI INTERSIL-ICL7145JCJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145JIJI INTERSIL-ICL7145JIJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145KCJI INTERSIL-ICL7145KCJI Datasheet
6Mb / 180P
   Data Acquisition
ICL7145KIJI INTERSIL-ICL7145KIJI Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7149

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
MN26 EXTECH-MN26 Datasheet
156Kb / 10P
   Mini Autoranging MultiMeter
MN16 EXTECH-MN16 Datasheet
368Kb / 14P
   Autoranging Mini Multimeter
DM100 EXTECH-DM100 Datasheet
159Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
DM110 EXTECH-DM110 Datasheet
148Kb / 2P
   Pocket Multimeter 4000 Count Autoranging DMM
logo
Good Will Instrument Co...
GDM-906X GWINSTEK-GDM-906X Datasheet
3Mb / 2P
   Digit Measurement Multimeter
logo
TEKTRONIX, INC.
2001 TEKTRONIX-2001 Datasheet
402Kb / 6P
   7½-Digit High Performance Multimeter 8½-Digit High Performance Multimeter
logo
List of Unclassifed Man...
8808A ETC2-8808A Datasheet
517Kb / 1P
   8808A 5.5 Digit Multimeter
logo
New Japan Radio
NJU9214 NJRC-NJU9214 Datasheet
581Kb / 29P
   4.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI
NJU9210C NJRC-NJU9210C Datasheet
830Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI????
NJU9210 NJRC-NJU9210 Datasheet
833Kb / 22P
   3.3/4 DIGIT SINGLE CHIP DIGITAL MULTIMETER LSI???
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com