Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPC3205 Datasheet(PDF) 6 Page - NEC

Part # UPC3205
Description  IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC3205 Datasheet(HTML) 6 Page - NEC

Back Button UPC3205 Datasheet HTML 2Page - NEC UPC3205 Datasheet HTML 3Page - NEC UPC3205 Datasheet HTML 4Page - NEC UPC3205 Datasheet HTML 5Page - NEC UPC3205 Datasheet HTML 6Page - NEC UPC3205 Datasheet HTML 7Page - NEC UPC3205 Datasheet HTML 8Page - NEC UPC3205 Datasheet HTML 9Page - NEC UPC3205 Datasheet HTML 10Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
Data Sheet P13541EJ3V0DS00
6
µµµµPC3205GR
STANDARD CHARACTERISTICS (TA = +25 °C, VCC = 5 V, Zin = 50
Ω, Zout = 1 kΩ
Ω)
Parameter
Symbol
Test Conditions
Reference Value
Unit
Noise Figure (DSB)
NF
fOSC = 479.5 MHz, fIQ = 10 MHz, VAGC = 0.5 V
Note 1
12.5
dB
Third Order Intermodulation
Distortion
IM3
fIF1 = 489 MHz, fIF2 = 490 MHz, fOSC = 479.5 MHz
Vout = 0.708 VP-P/tone
Note 2
56
dBc
LO to IF Isolation
Iso(LO-IF)
f = 480 MHz, 15 pin or 16 pin to 5 pin
Note 2
50
dB
LO to IQ Isolation
Iso(LO-IQ)
f = 480 MHz
15 pin or 16 pin to 11 pin or 20 pin
Note 2
30
dB
I to Q Isolation
Iso(I-Q)
f = 10 MHz, 11 pin to 20 pin
Note 2
30
dB
IF Input Impedance
Zin(IF)
fIF = 480 MHz
138-j45
IF Input Return Loss
RL(IF)
fIF = 480 MHz
6
dB
IQ Output Impedance
ZO(IQ)
fIQ = 0.3 to 30 MHz
25
Notes 1. By measurement circuit 2
2. By measurement circuit 1


Similar Part No. - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC3202 NEC-UPC3202 Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR NEC-UPC3202GR Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3202GR-E1 NEC-UPC3202GR-E1 Datasheet
157Kb / 20P
   FREQUENCY DOWN CONVERTER FOR VHF to UHF BAND TV/VCR TUNER
UPC3206GR NEC-UPC3206GR Datasheet
270Kb / 32P
   50dB AGC AMP VIDEO AMP
UPC3206GR-E1 NEC-UPC3206GR-E1 Datasheet
270Kb / 32P
   50dB AGC AMP VIDEO AMP
More results

Similar Description - UPC3205

ManufacturerPart #DatasheetDescription
logo
NEC
UPC2766GR NEC-UPC2766GR Datasheet
145Kb / 16P
   WIDE BAND IQ DEMODULATOR FOR DIGITAL VIDEO/DATA RECEIVER
UPC2766GR NEC-UPC2766GR_00 Datasheet
76Kb / 7P
   WIDEBAND IQ DEMODULATOR FOR DIGITAL RECEIVERS
logo
Texas Instruments
TRF3710_15 TI-TRF3710_15_15 Datasheet
467Kb / 27P
[Old version datasheet]   IQ DEMODULATOR
TRF3710 TI-TRF3710 Datasheet
841Kb / 30P
[Old version datasheet]   IQ DEMODULATOR
logo
Micrel Semiconductor
MICRF001 MICREL-MICRF001 Datasheet
97Kb / 8P
   QwikRadiotm Receiver/Data Demodulator Advance Information
MICRF011 MICREL-MICRF011 Datasheet
147Kb / 11P
   QwikRadiotm Receiver/Data Demodulator Preliminary Information
logo
Texas Instruments
TRF371125 TI-TRF371125 Datasheet
1Mb / 46P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135_15 TI-TRF371135_15_15 Datasheet
2Mb / 58P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
TRF371135 TI-TRF371135 Datasheet
2Mb / 54P
[Old version datasheet]   INTEGRATED IQ DEMODULATOR
logo
Toshiba Semiconductor
TC90A60U TOSHIBA-TC90A60U Datasheet
1Mb / 33P
   DATA SLICE IC FOR VIDEO MULTIPLEX BROADCAST RECEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com