Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8013 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICL8013
Description  1MHz, Four Quadrant Analog Multiplier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8013 Datasheet(HTML) 3 Page - Intersil Corporation

  ICL8013 Datasheet HTML 1Page - Intersil Corporation ICL8013 Datasheet HTML 2Page - Intersil Corporation ICL8013 Datasheet HTML 3Page - Intersil Corporation ICL8013 Datasheet HTML 4Page - Intersil Corporation ICL8013 Datasheet HTML 5Page - Intersil Corporation ICL8013 Datasheet HTML 6Page - Intersil Corporation ICL8013 Datasheet HTML 7Page - Intersil Corporation ICL8013 Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
Schematic Diagram
Power Supply Variation
Multiplication Error
-
0.2
-
-
0.2
-
%/%
Output Offset
-
-
75
-
-
100
mV/V
Scale Factor
-
0.1
-
-
0.1
-
%/%
Quiescent Current
-
3.5
6.0
-
3.5
6.0
mA
THE FOLLOWING SPECIFICATIONS APPLY OVER THE OPERATING TEMPERATURE RANGES
Multiplication Error
-10V < XIN < 10V,
-10V < YIN < 10V
-
2
-
-
3
-
% Full Scale
Average Temp. Coefficients
Accuracy
-
0.06
-
-
0.06
-
%/oC
Output Offset
-
0.2
-
-
0.2
-
mV/oC
Scale Factor
-
0.04
-
-
0.04
-
%/oC
Input Bias Current
VIN = 0V
X or Y Input
-
-
5
-
-
10
µA
Z Input
-
-
25
-
-
35
µA
Input Voltage (X, Y, or Z)
-
-
±10
-
-
±10
V
Output Voltage Swing
RL ≥ 2kΩ
CL < 1000pF
-
±10
-
-
±10
-
V
Electrical Specifications
TA =25
oC, V
SUPPLY = ±15V, Gain and Offset Potentiometers Externally Trimmed, Unless Otherwise Specified
(Continued)
PARAMETER
TEST
CONDITIONS
ICL8013B
ICL8013C
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
Q1 Q2
Q3
Q4
R3
R1
COMMON
YIN
XIN
V+
V-
Q5
Q6
R4
R5
Q28
Q7
Q8
Q14 Q15
Q10
R13
Q9
R9
R6
R7
R10
Q11
Q12
Q13
R12
R15
R11
R19
R18
R17
YOS
XOS
R20
R22
R16
R2
R8
R23
R24
R25
R26
R21
Q19
Q18
Q20
Q16
Q24
Q23
Q22
Q26
C1
Q21
R27
Q25
R31
R30
R28
R29
Q27
R33
OUTPUT
ZIN
Q17
R32
ZOS
ICL8013


Similar Part No. - ICL8013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013 Datasheet
4Mb / 122P
   P-CHANNEL JFET
ICL8013BCTX INTERSIL-ICL8013BCTX Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013CCTX INTERSIL-ICL8013CCTX Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
More results

Similar Description - ICL8013

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8013 INTERSIL-ICL8013_00 Datasheet
726Kb / 8P
   1MHz, Four Quadrant Analog Multiplier
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM Datasheet
329Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Analog Devices
MLT04 AD-MLT04 Datasheet
428Kb / 12P
   Four-Channel, Four-Quadrant Analog Multiplier
REV. B
logo
IC-Haus GmbH
IC-BM ICHAUS-IC-BM_11 Datasheet
332Kb / 7P
   FOUR-CHANNEL FOUR-QUADRANT ANALOG MULTIPLIER
logo
Intersil Corporation
HA-2557 INTERSIL-HA-2557 Datasheet
576Kb / 10P
   130MHz, Four Quadrant, Current Output Analog Multiplier
HA2556 INTERSIL-HA2556 Datasheet
205Kb / 20P
   Wideband Four Quadrant Analog Multiplier (Voltage Output)
July 1994
HA2557 INTERSIL-HA2557 Datasheet
430Kb / 14P
   Wideband Four Quadrant Analog Multiplier (Current Output)
July 1994
logo
Elantec Semiconductor
EL4450C ELANTEC-EL4450C Datasheet
266Kb / 14P
   Wideband Four-Quadrant Multiplier
logo
Intersil Corporation
EL4450 INTERSIL-EL4450 Datasheet
170Kb / 10P
   Wideband Four-Quadrant Multiplier
logo
ON Semiconductor
MC1495 ONSEMI-MC1495 Datasheet
332Kb / 16P
   LINEAR FOUR-QUADRANT MULTIPLIER
August, 2001 ??Rev. 1
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com