Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7673CBA Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICL7673CBA
Description  Automatic Battery Back-Up Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7673CBA Datasheet(HTML) 2 Page - Intersil Corporation

  ICL7673CBA Datasheet HTML 1Page - Intersil Corporation ICL7673CBA Datasheet HTML 2Page - Intersil Corporation ICL7673CBA Datasheet HTML 3Page - Intersil Corporation ICL7673CBA Datasheet HTML 4Page - Intersil Corporation ICL7673CBA Datasheet HTML 5Page - Intersil Corporation ICL7673CBA Datasheet HTML 6Page - Intersil Corporation ICL7673CBA Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
3-82
Absolute Maximum Ratings
Thermal Information
Input Supply (VP or VS) Voltage . . . . . . . . . . . . GND - 0.3V to +18V
Output Voltages PBAR and SBAR . . . . . . . . . . . GND - 0.3V to +18V
Peak Current
Input VP (at VP = 5V) (Note 1) . . . . . . . . . . . . . . . . . . . . . . . 38mA
Input VS (at VS = 3V) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 30mA
PBAR or SBAR . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150mA
Operating Conditions
Temperature Range:
ICL7673C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0oC to 70oC
ICL7673I. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -25oC to 85oC
Thermal Resistance (Typical, Note 2)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
150
N/A
Plastic SOIC Package . . . . . . . . . . . . .
180
N/A
Metal Can. . . . . . . . . . . . . . . . . . . . . . .
156
68oC/W
Maximum Storage Temperature. . . . . . . . . . . . . . . . -65oC to 150oC
Maximum Lead Temperature (Soldering, 10sec). . . . . . . . . . . 300oC
(SOIC - Lead Tips Only)
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Derate above 25oC by 0.38mA/oC.
2.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
TA = 25
oC Unless Otherwise Specified
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNITS
Input Voltage
VP
VS = 0V, ILOAD = 0mA
2.5
-
15
V
VS
VP = 0V, ILOAD = 0mA
2.5
-
15
V
Quiescent Supply Current
I+
VP = 0V, VS = 3V, ILOAD = 0mA
-
1.5
5
µA
Switch Resistance P1 (Note 1)
rDS(ON)P1 VP = 5V, VS = 3V, ILOAD = 15mA
-
8
15
At TA = +85
oC-
16
-
VP = 9V, VS = 3V, ILOAD = 15mA
-
6
-
VP = 12V, VS = 3V, ILOAD = 15mA
-
5
-
Temperature Coefficient of Switch Re-
sistance P1
TC(P1)
VP = 5V, VS = 3v, ILOAD = 15mA
-
0.5
-
%/oC
Switch Resistance P2 (Note 1)
rDS(ON)P2 VP = 0V, VS = 3V, ILOAD = 1mA
-
40
100
At TA = +85
oC-
60
-
VP = 0V, VS = 5V, ILOAD = 1mA
-
26
-
VP = 0V, VS = 9V, ILOAD = 1mA
-
16
-
Temperature Coefficient of Switch Re-
sistance P2
TC(P2)
VP = 0V, VS = 3V, ILOAD = 1mA
-
0.7
-
%/oC
Leakage Current (VP to VS)IL(PS)
VP = 5V, VS = 3V, ILOAD = 10mA
-
0.01
20
nA
At TA = +85
oC-
35
-
nA
Leakage Current (VP to VS)IL(SP)
VP = 0V, VS = 3V, ILOAD = 10mA
-
0.01
50
nA
at TA = +85
oC-
120
-
nA
Open Drain Output Saturation Voltages
VOPBAR
VP = 5V, VS = 3V, ISINK = 3.2mA, ILOAD = 0mA
-
85
400
mV
At TA = 85
oC-
120
-
mV
VP = 9V, VS = 3V, ISINK = 3.2mA, ILOAD = 0mA
-
50
-
mV
VP = 12V, VS = 3V, ISINK = 3.2mA
ILOAD = 0mA
-40
-
mV
ICL7673


Similar Part No. - ICL7673CBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CBA INTERSIL-ICL7673CBA Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673CBA INTERSIL-ICL7673CBA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
ICL7673CBA-T INTERSIL-ICL7673CBA-T Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
ICL7673CBA-T INTERSIL-ICL7673CBA-T Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
ICL7673CBAZA INTERSIL-ICL7673CBAZA Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
More results

Similar Description - ICL7673CBA

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7673CPA INTERSIL-ICL7673CPA Datasheet
219Kb / 7P
   Automatic Battery Back-Up Switch
July 22, 2005
ICL7673 INTERSIL-ICL7673_05 Datasheet
216Kb / 7P
   Automatic Battery Back-Up Switch
logo
Renesas Technology Corp
ICL7673 RENESAS-ICL7673 Datasheet
394Kb / 8P
   Automatic Battery Back-Up Switch
logo
SHANGHAI BELLING CO., L...
BL8506 BELLING-BL8506 Datasheet
619Kb / 19P
   Battery Back-up Circuit
logo
Technology Dynamics Inc...
TD-WM-BBU-12-33 TECHNOLOGY-TD-WM-BBU-12-33 Datasheet
254Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-TC-BBU-12-50 TECHNOLOGY-TCP-TC-BBU-12-50 Datasheet
275Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
TCP-RK-BBU-12-34 TECHNOLOGY-TCP-RK-BBU-12-34 Datasheet
243Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TCP-BX-BBU-12-33 TAB-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
Technology Dynamics Inc...
TCP-BX-BBU-12-33 TECHNOLOGY-TCP-BX-BBU-12-33 Datasheet
73Kb / 2P
   BATTERY BACK-UP POWER SUPPLIES
logo
TECHNOLOGY ASSISTANCE B...
TDRSP-1URK-BBU-12-50 TAB-TDRSP-1URK-BBU-12-50 Datasheet
462Kb / 2P
   BATTERY BACK-UP POWER SUPPLY
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com