Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2561DL-1-V-F3 Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # PS2561DL-1-V-F3
Description  DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2561DL-1-V-F3 Datasheet(HTML) 1 Page - Renesas Technology Corp

  PS2561DL-1-V-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2561DL-1-V-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
2009, 2010
1. Anode
2. Cathode
3. Emitter
4. Collector
12
43
PIN CONNECTION
(Top View)
The mark <R> shows major revised points.
The revised points can be easily searched by copying an "<R>" in the PDF file and specifying it in the "Find what:" field.
DESCRIPTION
The PS2561D-1 is an optically coupled isolator containing a GaAs light emitting diode and an NPN silicon
phototransistor.
The PS2561D-1 is in a plastic DIP (Dual In-line Package) and the PS2561DL-1 is lead bending type (Gull-wing) for
surface mount.
The PS2561DL1-1 is lead bending type for long creepage distance.
The PS2561DL2-1 is lead bending type for long creepage distance (Gull-wing) for surface mount.
FEATURES
• Operating ambient temperature: 110
°C
• High Isolation voltage (BV = 5 000 Vr.m.s.)
• High collector to emitter voltage (VCEO = 80 V)
• High current transfer ratio (CTR = 160% TYP.)
• High-speed switching (tr = 3
μs TYP., tf = 5 μs TYP.)
• Ordering number of taping product: PS2561DL-1-F3 : 2 000 pcs/reel
: PS2561DL2-1-E3: 1 000 pcs/reel
• Pb-Free product
• Safety standards
UL approved: No. E72422
CSA approved: No. CA 101391 (CA5A, CAN/CSA-C22.2 60065, 60950)
BSI approved: No. 7112/7420
SEMKO approved: No. 903238
NEMKO approved: No. P09210868
DEMKO approved: No. 314999
FIMKO approved: No. FI 25119
DIN EN60747-5-2 (VDE0884 Part2) approved: No. 40008862 (Option)
APPLICATIONS
• Power supply
• Telephone/FAX.
• FA/OA equipment
• Programmable logic controller
<R>
DATA SHEET
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all products and/or types are available in every country. Please check with an NEC Electronics
sales representative for availability and additional information.
PHOTOCOUPLER
PS2561D-1,PS2561DL-1
PS2561DL1-1,PS2561DL2-1
DIP PHOTOCOUPLER
OPERATING AMBIENT TEMPERATURE 110
°C
−NEPOC Series−
Document No. PN10777EJ02V0DS (2nd edition)
Date Published January 2010 NS
Printed in Japan


Similar Part No. - PS2561DL-1-V-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2561DL-1-V-F3 NEC-PS2561DL-1-V-F3 Datasheet
127Kb / 13P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2561DL-1-V-F3 RENESAS-PS2561DL-1-V-F3 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561DL-1-V-F3 CEL-PS2561DL-1-V-F3 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
More results

Similar Description - PS2561DL-1-V-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2561D-1 RENESAS-PS2561D-1 Datasheet
175Kb / 19P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561B-1 RENESAS-PS2561B-1_15 Datasheet
281Kb / 18P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1_15 Datasheet
243Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
PS2561F-1 RENESAS-PS2561F-1 Datasheet
251Kb / 15P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561F-1 CEL-PS2561F-1 Datasheet
1Mb / 14P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2561B-1 NEC-PS2561B-1 Datasheet
179Kb / 17P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
PS2561D-1 NEC-PS2561D-1 Datasheet
127Kb / 13P
   DIP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
California Eastern Labs
PS2561D-1 CEL-PS2561D-1 Datasheet
271Kb / 17P
   DIP PHOTOCOUPLER, OPERATING AMBIENT TEMPERATURE 110째C
logo
NEC
PS2761B-1 NEC-PS2761B-1 Datasheet
130Kb / 13P
   4-PIN SOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
logo
Renesas Technology Corp
PS2861B-1 RENESAS-PS2861B-1 Datasheet
255Kb / 15P
   4-PIN SSOP PHOTOCOUPLER OPERATING AMBIENT TEMPERATURE 110째C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com