Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2581AL2-E4 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PS2581AL2-E4
Description  LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2581AL2-E4 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PS2581AL2-E4 Datasheet HTML 1Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 2Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 3Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 4Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 5Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 6Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 7Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 8Page - Renesas Technology Corp PS2581AL2-E4 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
PACKAGE DIMENSIONS (UNIT : mm)
PS2581AL1
PS2581AL2
4.6±0.35
1.0±0.2
4.6±0.35
1.0±0.2
1.25±0.15
0.25 M
2.54
1.25±0.15
0.50±0.1
0.25 M
2.54
7.62
10.16
12.0 MAX.
0.9±0.25
0 to 15
°
7.62
10.16
1
2
4
3
1
2
4
3
0.25
+0.1
–0.05
PHOTOCOUPLER CONSTRUCTION
Parameter
Unit (MIN.)
Air Distance
8 mm
Outer Creepage Distance
8 mm
Inner Creepage Distance
4 mm
Isolation Thickness
0.4 mm
Data Sheet PN10223EJ07V0DS
2
PS2581AL1,PS2581AL2


Similar Part No. - PS2581AL2-E4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2581AL2-E4 CEL-PS2581AL2-E4 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
PS2581AL2-E4-A CEL-PS2581AL2-E4-A Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
More results

Similar Description - PS2581AL2-E4

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PS2581AL1 ETC1-PS2581AL1 Datasheet
361Kb / 11P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581AL1 CEL-PS2581AL1 Datasheet
849Kb / 13P
   LONG CREEPAGE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Renesas Technology Corp
PS2581L1 RENESAS-PS2581L1_15 Datasheet
247Kb / 15P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581L1 CEL-PS2581L1 Datasheet
398Kb / 11P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
NEC
PS2581L1 NEC-PS2581L1 Datasheet
108Kb / 12P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
California Eastern Labs
PS2581-1 CEL-PS2581-1 Datasheet
270Kb / 14P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 4-PIN PHOTOCOUPLER
logo
Everlight Electronics C...
EL101X-G EVERLIGHT-EL101X-G_17 Datasheet
1Mb / 12P
   4 PIN LONG CREEPAGE SOP PHOTOTRANSISTOR PHOTOCOUPLER
logo
California Eastern Labs
PS2653 CEL-PS2653 Datasheet
125Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
PS2651 CEL-PS2651 Datasheet
128Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
logo
NEC
PS2651 NEC-PS2651 Datasheet
124Kb / 4P
   LONG CREEPAGE TYPE HIGH ISOLATION VOLTAGE 6 PIN OPTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com