Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8052 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ICL8052
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8052 Datasheet(HTML) 5 Page - Intersil Corporation

  ICL8052 Datasheet HTML 1Page - Intersil Corporation ICL8052 Datasheet HTML 2Page - Intersil Corporation ICL8052 Datasheet HTML 3Page - Intersil Corporation ICL8052 Datasheet HTML 4Page - Intersil Corporation ICL8052 Datasheet HTML 5Page - Intersil Corporation ICL8052 Datasheet HTML 6Page - Intersil Corporation ICL8052 Datasheet HTML 7Page - Intersil Corporation ICL8052 Datasheet HTML 8Page - Intersil Corporation ICL8052 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
5-10
Absolute Maximum Ratings
Thermal Information
ICL8052, ICL8068
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18V
Differential Input Voltage
(8068) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±30V
(8052) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±6V
Input Voltage (Note 2). . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±15V
Output Short Circuit Duration All Outputs (Note 3). . . . . . . Indefinite
ICL7104
V+ Supply (GND to V+) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12V
V++ to V-. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 32V
Positive Supply Voltage (GND to V++) . . . . . . . . . . . . . . . . . . . . 17V
Negative Supply Voltage (GND to V-). . . . . . . . . . . . . . . . . . . . .-17V
Analog Input Voltage (Pins 32 - 39)(Note 4). . . . . . . . . . . . V++ to V-
Digital Input Voltage
(Pins 2 - 30) (Note 5) . . . . . . . . . . . . (GND - 0.3V) to (V+ + 0.3V)
Operating Conditions
Temperature Range . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
Thermal Resistance (Typical, Note 1)
θJA (oC/W) θJC (oC/W)
14 Ld PDIP Package . . . . . . . . . . . . . .
100
N/A
40 Ld PDIP Package . . . . . . . . . . . . . .
60
N/A
14 Ld CERDIP Package . . . . . . . . . . .
75
20
Maximum Junction Temperature (Ceramic Package) . . . . . . . . . 175oC
Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Lead Temperature (Soldering, 10s) . . . . . . . . . . . . 300oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
2. For supply voltages less than
±15V, the absolute maximum input voltage is equal to the supply voltage.
3. Short circuit may be to ground or either supply. Rating applies to 70oC ambient temperature.
4. Input voltages may exceed the supply voltages provided the input current is limited to
±100µA.
5. Connecting any digital inputs or outputs to voltages greater than V+ or less than GND may cause destructive device latchup. For this
reason it is recommended that the power supply to the ICL7104 be established before any inputs from sources not on that supply are
applied.
ICL7104 Electrical Specifications V+ = +5V, V++ = +15V, V- = -15V, TA = 25oC, fCLOCK = 200kHz
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
Clock Input, CLK 1
IIN
VIN = +5V to 0V
±2
±7
±30
µA
Comparator I/P, COMP IN (Note 6)
IIN
VIN = 0V to +5V
-10
±0.001
10
µA
Inputs with Pulldown, MODE
IIH
VIN = +5V
1
5
30
µA
IIL
VIN = 0V
-10
±0.01
10
µA
Inputs with Pullups
SEN, R/H
LBEN, MBEN, HBEN, CE/LD (Note 7)
IIH
VIN = +5V
-10
±0.01
10
µA
IIL
VIN = 0V
-30
-5
-1
µA
Input High Voltage, All Digital Inputs
VIH
2.5
2.0
-
V
Input Low Voltage, All Digital Inputs
VIL
-
1.5
1.0
V
Digital Outputs Three-Stated On,
LBEN, MBEN (16 Only), HBEN, CE/LD
BIT n, POL, OR (Note 8)
VOL
IOL = 1.6mA
-
0.27
0.4
V
VOH
IOH = -10µA
-
4.5
-
V
VOH
IOH = -240µA
2.4
3.5
-
V
Digital Outputs Three-Stated Off
Bit n, POL, OR
IOL
0
≤ VOUT ≤ V+
-10
±0.001
+10
µA
Non Three-State Digital Output
STTS
VOL
IOL = 3.2mA
-
0.3
0.4
V
VOH
IOH = -400µA
2.4
3.3
-
V
Clock 2
VOL
IOL= 320µA
-
0.5
-
V
VOH
IOH = -320µA
-
4.5
-
V
Clock 3 (-14 Only)
VOL
IOL = 1.6mA
-
0.27
0.4
V
VOH
IOH = -320µA
2.4
3.5
-
V
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL8052

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL8052 INTERSIL-ICL8052 Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL8052 INTERSIL-ICL8052 Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
ICL8052A INTERSIL-ICL8052A Datasheet
582Kb / 23P
   Precision 4 1/2 Digit, A/D Converter
ICL8052A INTERSIL-ICL8052A Datasheet
935Kb / 11P
   Precision Chip Pairs for A/D Conversion
ICL8052A INTERSIL-ICL8052A Datasheet
4Mb / 122P
   P-CHANNEL JFET
More results

Similar Description - ICL8052

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com