Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2802-1-V Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # PS2802-1-V
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2802-1-V Datasheet(HTML) 2 Page - Renesas Technology Corp

  PS2802-1-V Datasheet HTML 1Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 2Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 3Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 4Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 5Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 6Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 7Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 8Page - Renesas Technology Corp PS2802-1-V Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
Data Sheet PN10252EJ02V0DS
2
PS2802-1,PS2802-4
PACKAGE DIMENSIONS (UNIT: mm)
M
0.12
0.4±0.1
1.27
PS2802-1
PS2802-4
4.4
7.0±0.3
0.5±0.3
2.7±0.3
10.3±0.3
4.4
7.0±0.3
0.5±0.3
1. Anode
2. Cathode
3. Emitter
4. Collector
43
12
TOP VIEW
Anode
Cathode
Emitter
Collector
1. 3. 5. 7.
2. 4. 6. 8.
9. 11. 13. 15.
10. 12. 14. 16.
12 34 56 78
16 15 14 13 12 11 10 9
TOP VIEW
1.27
M
0.12
0.40
+0.10
–0.05
MARKING EXAMPLE
Assembly Lot
0 03
Week Assembled
Last number of type No. : 2
PS2802-1
Country Assembled
Type Number
Assembly Lot
No. 1 pin
Mark
PS2802-4
PS2802-4
NL003
Year Assembled
(Last 1 Digit)
2 003
*1
0 03
Year Assembled
(Last 1 Digit)
L
N
Rank Code
In-house Code
(L: Pb-Free)
Week Assembled
*1
: Pb-Free


Similar Part No. - PS2802-1-V

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2802-1-A CEL-PS2802-1-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1-F3 NEC-PS2802-1-F3 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1-F3 CEL-PS2802-1-F3 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2802-1-F3-A CEL-PS2802-1-F3-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1-F4 NEC-PS2802-1-F4 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results

Similar Description - PS2802-1-V

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com