Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2802-1-V-F4 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # PS2802-1-V-F4
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2802-1-V-F4 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button PS2802-1-V-F4 Datasheet HTML 2Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 3Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 4Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 5Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 6Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 7Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 8Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 9Page - Renesas Technology Corp PS2802-1-V-F4 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Data Sheet PN10252EJ02V0DS
6
PS2802-1,PS2802-4
tr
tf
td
ts
VCC = 5 V,
IC = 2 mA,
CTR = 1 910 %
10 000
1 000
100
10
1
0.1
0.5
1.0
5.0
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
;;
;;
Normalized to 1.0
at TA = 25 ˚C,
IF = 1 mA, VCE = 2 V
Ambient Temperature TA (˚C)
NORMALIZED CURRENT TRANSFER
RATIO vs. AMBIENT TEMPERATURE
–50
–25
0
25
50
75
100
1.4
1.0
1.2
0.8
0.6
0.4
0.2
VCE = 2 V
10
50
100
500
3 000
2 500
2 000
1 500
1 000
500
0
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
Forward Current IF ( A)
µ
tf
ts
tr
td
VCC = 5 V,
IF = 1 mA,
CTR = 1 910 %
Load Resistance RL (k
Ω)
SWITCHING TIME vs.
LOAD RESISTANCE
0.1
1.0
10
100
10 000
1 000
100
10
1
IF = 1 mA,
VCE = 2 V
RL = 100
FREQUENCY RESPONSE
Frequency f (kHz)
0.2
0.5
1
2
5
10
20
50 100 200
0
–10
–5
–15
–20
Forward Current IF (mA)
CURRENT TRANSFER RATIO vs.
FORWARD CURRENT
VCE = 2 V
0.1
1
0.5
10
5
30
8 000
7 000
6 000
5 000
4 000
3 000
2 000
1 000
0
Sample A
B
C
D
Sample A
B
C
D
Remark The graphs indicate nominal characteristics.


Similar Part No. - PS2802-1-V-F4

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS2802-1-A CEL-PS2802-1-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1-F3 NEC-PS2802-1-F3 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-1-F3 CEL-PS2802-1-F3 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2802-1-F3-A CEL-PS2802-1-F3-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
NEC
PS2802-1-F4 NEC-PS2802-1-F4 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results

Similar Description - PS2802-1-V-F4

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com