Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS2802-4-F3 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # PS2802-4-F3
Description  HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PS2802-4-F3 Datasheet(HTML) 3 Page - Renesas Technology Corp

  PS2802-4-F3 Datasheet HTML 1Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 2Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 3Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 4Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 5Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 6Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 7Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 8Page - Renesas Technology Corp PS2802-4-F3 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
Data Sheet PN10252EJ02V0DS
3
PS2802-1,PS2802-4
ORDERING INFORMATION
Part Number
Order Number
Solder Plating
Specification
Packing Style
Safety Standard
Approval
Application
Part Number
*1
PS2802-1
PS2802-1-A
Pb-Free
50 pcs (Tape 50 pcs cut)
Standard products
PS2802-1
PS2802-1-F3
PS2802-1-F3-A
Embossed Tape 3 500 pcs/reel
(UL, BSI, CSA
PS2802-1-F4
PS2802-1-F4-A
approved)
PS2802-1-V
PS2802-1-V-A
50 pcs (Tape 50 pcs cut)
DIN EN60747-5-2
PS2802-1-V-F3
PS2802-1-V-F3-A
Embossed Tape 3 500 pcs/reel
(VDE0884 Part2)
PS2802-1-V-F4
PS2802-1-V-F4-A
Approved (Option)
PS2802-4
PS2802-4-A
Magazine Case 45 pcs
Standard products
PS2802-4
PS2802-4-F3
PS2802-4-F3-A
Embossed Tape 2 500 pcs/reel
(UL, BSI, CSA
PS2802-4-F4
PS2802-4-F4-A
approved)
PS2802-4-V
PS2802-4-V-A
Magazine Case 45 pcs
DIN EN60747-5-2
PS2802-4-V-F3
PS2802-4-V-F3-A
Embossed Tape 2 500 pcs/reel
(VDE0884 Part2)
PS2802-4-V-F4
PS2802-4-V-F4-A
Approved (Option)
*1 For the application of the Safety Standard, following part number should be used.
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
Parameter
Symbol
Ratings
Unit
PS2802-1
PS2802-4
Diode
Forward Current (DC)
IF
50
mA/ch
Reverse Voltage
VR
6
V
Power Dissipation Derating
PD/°C
0.6
0.8
mW/
°C
Power Dissipation
PD
60
80
mW/ch
Peak Forward Current
*1
IFP
1
A/ch
Transistor
Collector to Emitter Voltage
VCEO
40
V
Emitter to Collector Voltage
VECO
6
V
Collector Current
IC
90
100
mA/ch
Power Dissipation Derating
PC/°C
1.2
mW/
°C
Power Dissipation
PC
120
mW/ch
Isolation Voltage
*2
BV
2 500
Vr.m.s.
Operating Ambient Temperature
TA
−55 to +100
°C
Storage Temperature
Tstg
−55 to +150
°C
*1 PW = 100
µs, Duty Cycle = 1%
*2 AC voltage for 1 minute at TA = 25°C, RH = 60% between input and output
Pins 1-2 shorted together, 3-4 shorted together (PS2802-1).
Pins 1-8 shorted together, 9-16 shorted together (PS2802-4).


Similar Part No. - PS2802-4-F3

ManufacturerPart #DatasheetDescription
logo
NEC
PS2802-4-F3 NEC-PS2802-4-F3 Datasheet
153Kb / 12P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
logo
California Eastern Labs
PS2802-4-F3 CEL-PS2802-4-F3 Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
PS2802-4-F3-A CEL-PS2802-4-F3-A Datasheet
395Kb / 14P
   HIGH ISOLATION VOLTAGE DARLINGTON TRANSISTOR TYPE SOP PHOTOCOUPLER
More results

Similar Description - PS2802-4-F3

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
PS2806-1 RENESAS-PS2806-1_15 Datasheet
266Kb / 16P
   HIGH ISOLATION VOLTAGE AC INPUT, DARLINGTON TRANSISTOR TYPE SSOP PHOTOCOUPLER
PS2801C-1-F3-A RENESAS-PS2801C-1-F3-A Datasheet
511Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 RENESAS-PS2801-1 Datasheet
294Kb / 18P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
April 1st, 2010
PS2801A-1 RENESAS-PS2801A-1_15 Datasheet
285Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
California Eastern Labs
PS2801C-4 CEL-PS2801C-4 Datasheet
380Kb / 14P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801A-1-A CEL-PS2801A-1-A Datasheet
363Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
logo
Renesas Technology Corp
PS2801A-1 RENESAS-PS2801A-1 Datasheet
986Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
July 12, 2019
logo
California Eastern Labs
PS2801A-1 CEL-PS2801A-1 Datasheet
357Kb / 12P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1 CEL-PS2801-1 Datasheet
429Kb / 13P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
PS2801-1-A CEL-PS2801-1-A Datasheet
238Kb / 16P
   HIGH ISOLATION VOLTAGE SSOP PHOTOCOUPLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com