Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7667MJA Datasheet(PDF) 4 Page - Intersil Corporation

Part # ICL7667MJA
Description  Dual Power MOSFET Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7667MJA Datasheet(HTML) 4 Page - Intersil Corporation

  ICL7667MJA Datasheet HTML 1Page - Intersil Corporation ICL7667MJA Datasheet HTML 2Page - Intersil Corporation ICL7667MJA Datasheet HTML 3Page - Intersil Corporation ICL7667MJA Datasheet HTML 4Page - Intersil Corporation ICL7667MJA Datasheet HTML 5Page - Intersil Corporation ICL7667MJA Datasheet HTML 6Page - Intersil Corporation ICL7667MJA Datasheet HTML 7Page - Intersil Corporation ICL7667MJA Datasheet HTML 8Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
3-76
Detailed Description
The ICL7667 is a dual high-power CMOS inverter whose
inputs respond to TTL levels while the outputs can swing as
high as 15V. Its high output current enables it to rapidly
charge and discharge the gate capacitance of power
MOSFETs, minimizing the switching losses in switchmode
power supplies. Since the output stage is CMOS, the output
will swing to within millivolts of both ground and VCC without
any external parts or extra power supplies as required by the
DS0026/56 family. Although most specifications are at VCC =
15V, the propagation delays and specifications are almost
independent of VCC.
In addition to power MOS drivers, the ICL7667 is well suited
for other applications such as bus, control signal, and clock
drivers on large memory of microprocessor boards, where
the load capacitance is large and low propagation delays are
required. Other potential applications include peripheral
power drivers and charge-pump voltage inverters.
Input Stage
The input stage is a large N-Channel FET with a P-channel
constant-current source. This circuit has a threshold of about
1.5V, relatively independent of the VCC voltage. This means
that the inputs will be directly compatible with TTL over the
entire 4.5V - 15V VCC range. Being CMOS, the inputs draw
less than 1
µA of current over the entire input voltage range
of ground to VCC. The quiescent current or no load supply
current of the ICL7667 is affected by the input voltage, going
to nearly zero when the inputs are at the 0 logic level and
rising to 7mA maximum when both inputs are at the 1 logic
level. A small amount of hysteresis, about 50mV to 100mV at
the input, is generated by positive feedback around the
second stage.
Output Stage
The ICL7667 output is a high-power CMOS inverter,
swinging between ground and VCC. At VCC = 15V, the
output impedance of the inverter is typically 7
Ω. The high
FIGURE 5. ICC vs FREQUENCY
FIGURE 6. NO LOAD ICC vs FREQUENCY
FIGURE 7. DELAY AND FALL TIMES vs VCC
FIGURE 8. RISE TIME vs VCC
Typical Performance Curves (Continued)
FREQUENCY (Hz)
VCC = 15V
VCC = 5V
CL = 1nF
100
10
1
100
µA
10K
100K
1M
10M
100
10
1
100mA
10k
100k
1M
10M
VCC = 15V
VCC = 5V
CL = 10pF
FREQUENCY (Hz)
tf
tD1
VCC (V)
CL = 1nF
50
40
30
20
10
0
510
15
VCC (V)
tr = TD2
CL = 10pF
50
40
30
20
10
0
510
15
ICL7667


Similar Part No. - ICL7667MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667MJA MAXIM-ICL7667MJA Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
More results

Similar Description - ICL7667MJA

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
ICL7667 MAXIM-ICL7667 Datasheet
143Kb / 4P
   Dual Power MOSFET Driver
19-06962; Rev 0; 2/69
logo
Renesas Technology Corp
ICL7667 RENESAS-ICL7667 Datasheet
567Kb / 11P
   Dual Power MOSFET Driver
logo
Intersil Corporation
ICL7667 INTERSIL-ICL7667_06 Datasheet
195Kb / 8P
   Dual Power MOSFET Driver
logo
Maxim Integrated Produc...
MAX626 MAXIM-MAX626_V01 Datasheet
26Kb / 3P
   DUAL POWER MOSFET DRIVER
2000
logo
Intersil Corporation
ICL7667CBAZA-T INTERSIL-ICL7667CBAZA-T Datasheet
330Kb / 10P
   Dual Power MOSFET Driver
logo
Texas Instruments
SN75372PSR TI1-SN75372PSR Datasheet
735Kb / 19P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Silicon Supplies
SIS17601 SS-SIS17601 Datasheet
1,015Kb / 8P
   Dual MOSFET Driver
logo
Texas Instruments
SN75372 TI-SN75372_V01 Datasheet
656Kb / 21P
[Old version datasheet]   DUAL MOSFET DRIVER
JULY 1986
SN75372 TI-SN75372 Datasheet
164Kb / 11P
[Old version datasheet]   DUAL MOSFET DRIVER
logo
Clare, Inc.
FDA217 CLARE-FDA217 Datasheet
113Kb / 5P
   Dual MOSFET Driver
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com