Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7170 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ICM7170
Description  Microprocessor-Compatible, Real-Time Clock
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7170 Datasheet(HTML) 3 Page - Intersil Corporation

  ICM7170 Datasheet HTML 1Page - Intersil Corporation ICM7170 Datasheet HTML 2Page - Intersil Corporation ICM7170 Datasheet HTML 3Page - Intersil Corporation ICM7170 Datasheet HTML 4Page - Intersil Corporation ICM7170 Datasheet HTML 5Page - Intersil Corporation ICM7170 Datasheet HTML 6Page - Intersil Corporation ICM7170 Datasheet HTML 7Page - Intersil Corporation ICM7170 Datasheet HTML 8Page - Intersil Corporation ICM7170 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
12-7
Absolute Maximum Ratings
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Power Dissipation (Note 1) . . . . . . . . . . . . . . . . . . . . . . . . . . 500mW
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65oC to 150oC
Lead Temperature (Soldering 10s) . . . . . . . . . . . . . . . . . . . . . 300oC
Input Voltage (Any Terminal) (Note 2) . . . . VDD +0.3V to VSS -0.3V
Thermal Resistance (Typical, Note 3)
θJA (oC/W) θJC (oC/W)
PDIP Package . . . . . . . . . . . . . . . . . . .
65
N/A
SBDIP Package . . . . . . . . . . . . . . . . . .
60
18
SOIC Package . . . . . . . . . . . . . . . . . . .
75
N/A
Maximum Junction Temperature
Plastic Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
SBDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. TA = 25
oC.
2. Due to the SCR structure inherent in the CMOS process, connecting any terminal at voltages greater than VDD or less than VSS may cause
destructive device latchup. For this reason, it is recommended that no inputs from external sources not operating on the same power supply be
applied to the device before its supply is established, and that in multiple supply systems, the supply to the ICM7170 be turned on first.
3.
θJA is measured with the component mounted on an evaluation PC board in free air.
DC Electrical Specifications
TA = -40
oC to 85oC, V
DD +5V ±10%, VBACKUP VDD, VSS = 0V Unless Otherwise Specified
All IDD specifications include all input and output leakages (ICM7170 and ICM7170A)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
VDD Supply Range, VDD
fOSC = 32kHz
1.9
-
5.5
V
fOSC = 1, 2, 4MHz
2.6
-
5.5
V
Standby Current, ISTBY(1)
fOSC = 32kHz
Pins 1 - 8,15 - 22 and 24 = VDD
ICM7170
-
1.2
20.0
µA
VDD = VSS;
VBACKUP = VDD - 3.0V
For ICM7170A
See General Notes 5
ICM7170A
-
1.2
5.0
µA
Standby Current, ISTBY(2)
fOSC = 4MHz
Pins 1 - 8,15 - 22 and 24 = VDD
VDD = VSS;
VBACKUP = VDD - 3.0V
-
20
150
µA
Operating Supply Current, IDD(1)
fOSC = 32kHz
Read/Write Operation at 100Hz
-
0.3
1.2
mA
Operating Supply Current, IDD(2)
fOSC = 32kHz
Read/Write Operation at 1MHz
-
1.0
2.0
mA
Input Low Voltage
(Except Osc.), VIL
VDD = 5.0V
-
-
0.8
V
Input High Voltage
(Except Osc.), VIH
VDD = 5.0V
2.4
-
-
V
Output Low Voltage
(Except Osc.), VOL
IOL = 1.6mA
-
-
0.4
V
Output High Voltage Except
INTERRUPT
(Except Osc.), VOH
IOH = -400µA
2.4
-
-
V
Input Leakage Current, IIL
VIN = VDD or VSS
-10
0.5
+10
µA
Three-State Leakage Current
(D0 - D7), IOL(1)
VO = VDD or VSS
-10
0.5
+10
µA
Backup Battery Voltage,
VBATTERY
fOSC = 1, 2, 4MHz
2.6
-
VDD - 1.3
V
Backup Battery Voltage,
VBATTERY
fOSC = 32kHz
1.9
-
VDD - 1.3
V
ICM7170


Similar Part No. - ICM7170

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7170 INTERSIL-ICM7170 Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
Intersil Corporation
ICM7170AIBG INTERSIL-ICM7170AIBG Datasheet
713Kb / 14P
   Microprocessor-Compatible, Real-Time짰lock
logo
Rochester Electronics
ICM7170AIBG ROCHESTER-ICM7170AIBG Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
More results

Similar Description - ICM7170

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MM58274C-12 NSC-MM58274C-12 Datasheet
904Kb / 13P
   MICROPROCESSOR COMPATIBLE REAL TIME CLOCK
MM58274C NSC-MM58274C Datasheet
228Kb / 16P
   Microprocessor Compatible Real Time Clock
MM58174A NSC-MM58174A Datasheet
130Kb / 8P
   Microprocessor-Compatible Real-Time Clock
logo
Renesas Technology Corp
ICM7170 RENESAS-ICM7170 Datasheet
736Kb / 14P
   Microprocessor-Compatible, Real-Time Clock
Nov 2003
logo
National Semiconductor ...
MM58167B NSC-MM58167B Datasheet
173Kb / 10P
   Microprocessor Real Time Clock
NS32FX211 NSC-NS32FX211 Datasheet
171Kb / 12P
   Microprocessor Compatible Real Time C
logo
OKI electronic componet...
MSM5832 OKI-MSM5832 Datasheet
544Kb / 6P
   MICROPROCESSOR REAL-TIME CLOCK/CALENDAR
logo
Rochester Electronics
ICM7170 ROCHESTER-ICM7170 Datasheet
688Kb / 14P
   Microprocessor-Compatible, Real-Time Clock 8-Bit, uP Bus Compatible
logo
Epson ToYoCom
RTC8583 EPSONTOYOCOM-RTC8583 Datasheet
56Kb / 2P
   I2C-BUS COMPATIBLE REAL TIME CLOCK MODULE
logo
Maxim Integrated Produc...
DS1347_1202 MAXIM-DS1347_1202 Datasheet
227Kb / 17P
   Low-Current, SPI-Compatible Real-Time Clock
Rev 2; 2/12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com