Electronic Components Datasheet Search |
|
5082-5521-KH000 Datasheet(PDF) 1 Page - Agilent(Hewlett-Packard) |
|
5082-5521-KH000 Datasheet(HTML) 1 Page - Agilent(Hewlett-Packard) |
1 / 11 page 14.2 mm (0.56 inch) Seven Segment Displays Technical Data Features • Industry Standard Size • Industry Standard Pinout 15.24 mm (0.6 in.) DIP Leads on 2.54 mm (0.1 in.) Centers • Choice of Colors AlGaAs Red, High Efficiency Red, Yellow, Green, Orange • Excellent Appearance Evenly Lighted Segments Mitered Corners on Segments Gray Package Gives Optimum Contrast ± 50° Viewing Angle • Design Flexibility Common Anode or Common Cathode Single and Dual Digits Right Hand Decimal Point ± 1. Overflow Character • Categorized for Luminous Intensity Yellow and Green Categorized for Color Use of Like Categories Yields a Uniform Display • High Light Output • High Peak Current • Excellent for Long Digit String Multiplexing • Intensity and Color Selection Option See Intensity and Color Selected Displays Data Sheet • Sunlight Viewable AlGaAs Description The 14.2 mm (0.56 inch) LED seven segment displays are designed for viewing distances up to 7 metres (23 feet). These devices use an industry standard size package and pinout. Both the numeric and ± 1 overflow devices feature a right hand decimal point. All devices are available as either common anode or common cathode. Orange AlGaAs Red HER Yellow Green Package HDSP- HDSP-[1] HDSP-[1] HDSP- HDSP- Description Drawing H401 H151 5501 5701 5601 Common Anode Right Hand Decimal A H403 H153 5503 5703 5603 Common Cathode Right Hand Decimal B H157 5507 5707 5607 Common Anode ± 1. Overflow C H158 5508 5708 5608 Common Cathode ± 1. Overflow D K401 5521 5721 5621 Two Digit Common Anode Right Hand Decimal E K403 5523 5723 5623 Two Digit Common Cathode Right Hand Decimal F Devices Note: 1. These displays are recommended for high ambient light operation. Please refer to the HDSP-H10X/K12X AlGaAs and HDSP-555X HER data sheet for low current operation. HDSP-K40x Series HDSP-550x Series HDSP-552x Series HDSP-560x Series HDSP-562x Series HDSP-570x Series HDSP-572x Series HDSP-H15x Series HDSP-H40x Series |
Similar Part No. - 5082-5521-KH000 |
|
Similar Description - 5082-5521-KH000 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |