Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B6-X144X Datasheet(PDF) 2 Page - Nel Frequency Controls,inc

Part # B6-X144X
Description  In the disable mode, a high impedance is presented to the load.
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

B6-X144X Datasheet(HTML) 2 Page - Nel Frequency Controls,inc

  B6-X144X Datasheet HTML 1Page - Nel Frequency Controls,inc B6-X144X Datasheet HTML 2Page - Nel Frequency Controls,inc B6-X144X Datasheet HTML 3Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
B6-X144X Series
Continued
LVCMOS
Operating Conditions and Output Characteristics (5)
Electrical Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Frequency
-----
-----
10.0MHz
-----
220.0MHz
Duty Cycle
-----
@ V
DD/2
45/55%
-----
45/55%
Logic 0
V
OL
@ 600µA
-----
-----
0.2V
Logic 1
V
OH
@ 600µA
V
DD-0.2V
-----
-----
Rise & Fall Time
tr,tf
10-90%V
O
-----
-----
2.0 ns
Jitter, Integrated
J
Integrated from phase noise,
-----
0.1 ps
-----
12kHz to 20MHz, RMS
Jitter, Wavecrest
Characterized
(2)
-----
Random Period
-----
2.3ps
-----
Accum, pk-to-pk
-----
26ps
-----
Phase Noise
(4)
£(Δf)
@ 10Hz
-----
-70 dBc/Hz
-----
@100Hz
-----
-105 dBc/Hz
-----
@1kHz
-----
-130 dBc/Hz
-----
@10kHz
-----
-145 dBc/Hz
-----
@100kHz
-----
-150 dBc/Hz
-----
@ >1Mhz
-----
-150 dBc/Hz
-----
T
pz
-----
-----
-----
-----
100 ns
Enable Voltage
-----
-----
2.0V
-----
-----
Disable Voltage
-----
-----
-----
-----
0.8V
Frequency Stability
(1)
dF/F
Overall conditions including:
-100ppm
-----
+100ppm
voltage, calibration, temp.,
10 yr aging, shock, vibration
General Characteristics
Parameter
Symbol
Conditions
Min
Typical
Max
Supply Voltage
(3)
V
DD
3.3V±10%
2.97V
3.3V
3.63V
2.5V±10%
2.25V
2.5V
2.75V
Supply Current
I
DD
No Load
0.0 mA
40 mA
60 mA
Output current
I
O
Low level Output Current
0.0 mA
-----
±25.0 mA
Operating temperature
T
A
------
0°C
-----
70°C
Storage temperature
T
S
-----
-55°C
-----
125°C
Power Dissipation
P
D
3.3V
-----
-----
218 mW
2.5V
-----
-----
165 mW
Load
-----
-----
-----
-----
15pf
Start-up Time
t
s
-----
-----
-----
10 ms
Environmental and Mechanical Characteristics
Mechanical Shock
Per MIL-STD-202, Method 213, Condition E
Thermal Shock
Per MIL-STD-883, Method 1011, Condition A
Vibration
0.060" double amplitude 10 Hz to 55 Hz, 35g’s 55Hz to 2000 Hz
Hermetic Seal
Leak rate less than 1 x 10
-8 atm.cc/sec of helium
Footnotes:
1) Standard frequency stability (±20,±25,±50ppm & others availble)
2) Jitter performance is frequency dependent. Please contact factory for full Wavecrest characterization.
3) Internal high frequency power source decoupling.
4) If phase noise data at a particular frequency is
needed, contact factory.
5) All parameters, unless otherwise specified, are
at nominal conditions, ie: T=25°C, Nominal Vcc
& Nominal Load.
Test Load:
Rev. D
CRYSTAL CLOCK OSCILLATORS
B6 - X144X - FREQ
Package Code
Tolerance/Performance
B6 6 Solder Joint 5x7mm SMD
0 ±100ppm 0-70°C
0.030" BGA
1 ±50ppm 0-70°C
7 ±25ppm 0-70°C
Input Voltage
9 Customer Specific
Code Specification
A ±20ppm 0-70°C
A
3.3V
B ±50ppm -40 to +85°C
B
2.5 V
C ±100ppm -40 to +85°C
Creating a Part Number
Data Sheet 0939B


Similar Part No. - B6-X144X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
B6-X142X NEL-B6-X142X Datasheet
108Kb / 3P
   of quartz crystal oscillators provide enable/disable
More results

Similar Description - B6-X144X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
SC-A1460 NEL-SC-A1460_10 Datasheet
102Kb / 2P
   In the disable mode, Pin 3 presents a high impedance to the load
HS-A1450 NEL-HS-A1450_10 Datasheet
58Kb / 2P
   In the disabled mode, pin 8 presents a high impedance to the load
HS-A1440 NEL-HS-A1440_10 Datasheet
116Kb / 2P
   In the disabled mode, pin 8 presents a high impedance to the load
logo
Anaren Microwave
A1101R08C ANAREN-A1101R08C Datasheet
682Kb / 2P
   The A1101R08C is a high-performance
A2500R24A ANAREN-A2500R24A Datasheet
863Kb / 2P
   The A2500R24A is a high-performance
A1101R09C ANAREN-A1101R09C Datasheet
612Kb / 2P
   The A1101R09C is a high-performance
logo
Richtek Technology Corp...
RT6296C RICHTEK-RT6296C Datasheet
805Kb / 13P
   The RT6296C is a high-efficiency
RT7296C RICHTEK-RT7296C Datasheet
803Kb / 13P
   The RT7296C is a high-efficiency
RT6208 RICHTEK-RT6208 Datasheet
751Kb / 17P
   The RT6208 is a high-efficiency
RT6296D RICHTEK-RT6296D Datasheet
790Kb / 13P
   The RT6296D is a high-efficiency
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com