Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL8212MTY Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICL8212MTY
Description  Programmable Voltage Detectors
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL8212MTY Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICL8212MTY Datasheet HTML 5Page - Intersil Corporation ICL8212MTY Datasheet HTML 6Page - Intersil Corporation ICL8212MTY Datasheet HTML 7Page - Intersil Corporation ICL8212MTY Datasheet HTML 8Page - Intersil Corporation ICL8212MTY Datasheet HTML 9Page - Intersil Corporation ICL8212MTY Datasheet HTML 10Page - Intersil Corporation ICL8212MTY Datasheet HTML 11Page - Intersil Corporation ICL8212MTY Datasheet HTML 12Page - Intersil Corporation ICL8212MTY Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
7-169
ICL8211, ICL8212
almost all the collector current of Q19 is available for base
drive to Q21, resulting in a maximum available collector
current of the order of 30mA. It is advisable to externally limit
this current to 25mA or less.
Applications
The ICL8211 and ICL8212 are similar in many respects, espe-
cially with regard to the setup of the input trip conditions and
hysteresis circuitry. The following discussion describes both
devices, and where differences occur they are clearly noted.
General Information
Threshold Input Considerations
Although any voltage between -5V and V+ may be applied to
the THRESHOLD terminal, it is recommended that the
THRESHOLD voltage does not exceed about +6V since
above that voltage the threshold input current increases
sharply. Also, prolonged operation above this voltage will
lead to degradation of device characteristics.
The outputs change states with an input THRESHOLD
voltage of approximately 1.15V. Input and output waveforms
are shown in Figure 21 for a simple 1.15V level detector.
FIGURE 21. VOLTAGE LEVEL DETECTION
The HYSTERESIS output is a low current output and is
intended primarily for input threshold voltage hysteresis
applications. If this output is used for other applications it is
suggested that output currents be limited to 10
µA or less.
The regular OUTPUT’s from either the ICL8211 or ICL8212
may be used to drive most of the common logic families
such as TTL or CMOS using a single pullup resistor. There is
a guaranteed TTL fanout of 2 for the ICL8211 and 4 for the
ICL8212.
A principal application of the ICL8211 is voltage level
detection, and for that reason the OUTPUT current has been
limited to typically 7mA to permit direct drive of an LED
connected to the positive supply without a series current
limiting resistor.
On the other hand the ICL8212 is intended for applications
such as programmable zener references, and voltage
regulators where output currents well in excess of 7mA are
desirable. Therefore, the output of the ICL8212 is not current
limited, and if the output is used to drive an LED, a series
current limiting resistor must be used.
In most applications an input resistor divider network may be
used to generate the 1.15V required for VTH. For high accu-
racy, currents as large as 50
µA may be used, however for
those applications where current limiting may be desirable,
(such as when operating from a battery) currents as low as
6mA may be considered without a great loss of accuracy.
6mA represents a practical minimum, since it is about this
level where the device’s own input current becomes a signif-
icant percentage of that flowing in the divider network.
FIGURE 22. OUTPUT LOGIC INTERFACE
FIGURE 23. INPUT RESISTOR NETWORK CONSIDERATIONS
Case 1. High accuracy required, current in resistor network
unimportant Set I = 50
µA for V
TH = 1.15V ∴ R1
20k
Case 2. Good accuracy required, current in resistor network
important Set I = 7.5
µA for V
TH = 1.15V ∴ R1
150k
1
2
3
4
8
7
6
5
INPUT VOLTAGE
(RECOMMENDED
RANGE -5 TO +5V)
VTH
V+
(V+ MUST BE
EQUAL OR
EXCEED 1.8V)
RL1
VO
VHYST
VO2
VO1
RL2
0
V+
1.15V
0V
V+
0V
ICL8211 OUTPUT
ICL8212 OUTPUT
1
2
3
4
8
7
6
5
VTH
V+
PULLUP RESISTOR
CMOS OR
TTL GATES
1
2
3
4
8
7
6
5
VTH
V+
INPUT
V-
R1
R2


Similar Part No. - ICL8212MTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8212MTY HARRIS-ICL8212MTY Datasheet
153Kb / 14P
   Programmable Voltage Detectors
More results

Similar Description - ICL8212MTY

ManufacturerPart #DatasheetDescription
logo
Harris Corporation
ICL8211 HARRIS-ICL8211 Datasheet
153Kb / 14P
   Programmable Voltage Detectors
logo
Richtek Technology Corp...
RT9801A RICHTEK-RT9801A_11 Datasheet
130Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9801A RICHTEK-RT9801A Datasheet
127Kb / 9P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802_11 Datasheet
83Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9802 RICHTEK-RT9802 Datasheet
80Kb / 5P
   User Programmable Micro-Power Voltage Detectors
RT9801 RICHTEK-RT9801 Datasheet
136Kb / 6P
   USER PROGRAMMABLE MICRO POWER VOLTAGE DETECTORS
logo
Torex Semiconductor
XC61CC2002MRN TOREX-XC61CC2002MRN Datasheet
655Kb / 17P
   Low Voltage Detectors Standard Voltage Detectors
logo
Unisonic Technologies
82CXX UTC-82CXX_15 Datasheet
423Kb / 20P
   VOLTAGE DETECTORS
82CXX UTC-82CXX_11 Datasheet
425Kb / 20P
   VOLTAGE DETECTORS
logo
Texas Instruments
2T03-01QDCKRG4Q1 TI1-2T03-01QDCKRG4Q1 Datasheet
409Kb / 16P
[Old version datasheet]   VOLTAGE DETECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com