Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA-1520 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # HA-1520
Description  Insulated standoffs to enhance board cleaning are standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HA-1520 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HA-1520_10 Datasheet HTML 1Page - Nel Frequency Controls,inc HA-1520_10 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
TTL
HA-1520 Series
Description
The HA-1520 Series of quartz crystal oscillators provide enable/disable 3-state TTL compatible signals for
bus connected systems. Supplying Pin 1 of the HA-1520 units with a logic “1" enables its output on Pin 5.
In the disabled mode, Pin 5 presents a high impedance to the load. All units are resistance welded in an all
metal package, offering RFI shielding, and are designed to survive standard wave soldering operations
without damage. Insulated standoffs to enhance board cleaning are standard.
Features
• Wide frequency range– 0.5MHz to 85.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• Low power consumption
• Gold plated leads - Solder dipped leads available
upon request
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
• COTS/Dual use
Electrical Connection
Pin
Connection
1
Enable Input
4
Grd & Case
5
Output
8
V
CC
Dimensions are in inches and (MM)
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0016G
Rev. H


Similar Part No. - HA-1520_10

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HA-1520 ETC1-HA-1520 Datasheet
398Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - HA-1520_10

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-A370 NEL-HA-A370 Datasheet
61Kb / 2P
   Insulated standoffs to enhance board cleaning are standard
HA-370 NEL-HA-370_10 Datasheet
61Kb / 2P
   Insulated standoffs to enhance board cleaning are standard
HS-370 NEL-HS-370_10 Datasheet
58Kb / 2P
   Insulated standoffs to enhance board cleaning are standard
HA-1420 NEL-HA-1420 Datasheet
113Kb / 2P
   Insulated standoffs to enhance board cleaning are standard
HS-A370 NEL-HS-A370_10 Datasheet
58Kb / 2P
   Insulated standoffs to enhance board cleaning are standard. Low voltage operation (3.3V)
logo
Quelighting Corp
QLSP19WXH-314 QUELIGHTING-QLSP19WXH-314 Datasheet
1Mb / 15P
   These 0.5W LEDs are equipped with heat sink to enhance operating performance.
1.0 08-25-2021
logo
PHOENIX CONTACT
5146697 PHOENIX-5146697 Datasheet
47Kb / 2P
   Cleaning pen - CLEANING STICK
09/12/2020
1044350 PHOENIX-1044350 Datasheet
51Kb / 2P
   Cleaning cartridge - BM ID-CLEANING CARTR
09/12/2020
logo
PARA LIGHT ELECTRONICS ...
EP501W2L001WL PARALIGHT-EP501W2L001WL Datasheet
178Kb / 13P
   Enhance Power LED
EP503WYL095WHR PARALIGHT-EP503WYL095WHR Datasheet
200Kb / 13P
   Enhance Power LED
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com