Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM3488E Datasheet(PDF) 5 Page - Analog Devices

Part # ADM3488E
Description  Full-Duplex, RS-485/RS-422 Transceivers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM3488E Datasheet(HTML) 5 Page - Analog Devices

  ADM3488E_15 Datasheet HTML 1Page - Analog Devices ADM3488E_15 Datasheet HTML 2Page - Analog Devices ADM3488E_15 Datasheet HTML 3Page - Analog Devices ADM3488E_15 Datasheet HTML 4Page - Analog Devices ADM3488E_15 Datasheet HTML 5Page - Analog Devices ADM3488E_15 Datasheet HTML 6Page - Analog Devices ADM3488E_15 Datasheet HTML 7Page - Analog Devices ADM3488E_15 Datasheet HTML 8Page - Analog Devices ADM3488E_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
ADM3483E/ADM3486E/ADM3488E/ADM3490E/ADM3491E
Rev. A | Page 5 of 20
DRIVER TIMING SPECIFICATIONS
VCC = 3.3 V, TA = 25°C.
Table 3. ADM3483E/ADM3488E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM DATA RATE
250
kbps
DIFFERENTIAL OUTPUT DELAY
tDD
600
900
1400
ns
RL = 60 Ω (see Figure 10)
DIFFERENTIAL OUTPUT TRANSITION TIME
tTD
400
740
1200
ns
RL = 60 Ω (see Figure 10)
PROPAGATION DELAY
From Low to High Level
tPLH
700
930
1500
ns
RL = 27 Ω (see Figure 11)
From High to Low Level
tPHL
700
930
1500
ns
RL = 27 Ω (see Figure 11)
|tPLH − tPHL| PROPAGATION DELAY SKEW1
tPDS
±50
ns
RL = 27 Ω (see Figure 11)
ENABLE/DISABLE TIMING (ADM3483E ONLY)
Enable Time to Low Level
tPZL
900
1300
ns
RL = 110 Ω (see Figure 13)
Enable Time to High Level
tPZH
600
800
ns
RL = 110 Ω (see Figure 12)
Disable Time from Low Level
tPLZ
50
80
ns
RL = 110 Ω (see Figure 13)
Disable Time from High Level
tPHZ
50
80
ns
RL = 110 Ω (see Figure 12)
Enable Time from Shutdown to Low Level
tPSL
1.9
2.7
μs
RL = 110 Ω (see Figure 13)
Enable Time from Shutdown to High Level
tPSH
2.2
3.0
μs
RL = 110 Ω (see Figure 12)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.
VCC = 3.3 V, TA = 25°C.
Table 4. ADM3486E
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
MAXIMUM DATA RATE
2.5
Mbps
DIFFERENTIAL OUTPUT DELAY
tDD
20
42
70
ns
RL = 60 Ω (see Figure 10)
DIFFERENTIAL OUTPUT TRANSITION TIME
tTD
15
28
60
ns
RL = 60 Ω (see Figure 10)
PROPAGATION DELAY
From Low to High Level
tPLH
20
42
75
ns
RL = 27 Ω (see Figure 11)
From High to Low Level
tPHL
20
42
75
ns
RL = 27 Ω (see Figure 11)
|tPLH − tPHL| PROPAGATION DELAY SKEW1
tPDS
−6
±12
ns
RL = 27 Ω (see Figure 11)
ENABLE/DISABLE TIMING
Enable Time to Low Level
tPZL
52
100
ns
RL = 110 Ω (see Figure 13)
Enable Time to High Level
tPZH
52
100
ns
RL = 110 Ω (see Figure 12)
Disable Time from Low Level
tPLZ
40
80
ns
RL = 110 Ω (see Figure 13)
Disable Time from High Level
tPHZ
40
80
ns
RL = 110 Ω (see Figure 12)
Enable Time from Shutdown to Low Level
tPSL
700
1000
ns
RL = 110 Ω (see Figure 13)
Enable Time from Shutdown to High Level
tPSH
700
1000
ns
RL = 110 Ω (see Figure 12)
1 Measured on |tPLH (Y) − tPHL (Y)| and |tPLH (Z) − tPHL (Z)|.


Similar Part No. - ADM3488E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3488EARZ AD-ADM3488EARZ Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3488EARZ-REEL7 AD-ADM3488EARZ-REEL7 Datasheet
649Kb / 20P
   3.3 V, 짹15 kV ESD-Protected, Half- and Full-Duplex, RS-485/RS-422 Transceivers
REV. A
More results

Similar Description - ADM3488E_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM3070E AD-ADM3070E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3488 AD-ADM3488_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3490 AD-ADM3490_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3073E AD-ADM3073E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3485 AD-ADM3485_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491E AD-ADM3491E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3071E AD-ADM3071E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3483E AD-ADM3483E_15 Datasheet
650Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
REV. A
ADM3075E AD-ADM3075E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3078E AD-ADM3078E_15 Datasheet
528Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
ADM3491 AD-ADM3491_15 Datasheet
328Kb / 20P
   Full-Duplex, RS-485/RS-422 Transceivers
Rev. E
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com