Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICL7104-16CPL Datasheet(PDF) 6 Page - Intersil Corporation

Part # ICL7104-16CPL
Description  14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICL7104-16CPL Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ICL7104-16CPL Datasheet HTML 2Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 3Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 4Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 5Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 6Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 7Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 8Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 9Page - Intersil Corporation ICL7104-16CPL Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
5-11
Switch
Switch 1
rDS(ON)
-
25k
-
Switches 2, 3
rDS(ON)
-
4k
20k
Switches 4, 5, 6, 7, 8, 9
rDS(ON)
-
2k
10k
Switch Leakage
ID(OFF)
-15-
pA
Clock Frequency (Note 9)
fCLOCK
DC
200
400
kHz
Supply Currents
+5V Supply Current
All outputs high impedance
I+
Frequency = 200kHz
-
200
600
µA
+5V Supply Current
I++
Frequency = 200kHz
-
0.3
1.0
mA
-5V Supply Current
I-
Frequency = 200kHz
-
25
200
µA
Supply Voltage Range
Logic Supply
V+
Note 10
4
-
11
V
Positive Supply
V++
10
-
16
V
Negative Supply
V-
-16
-
-10
V
NOTES:
6. This specification applies when not in Auto-Zero phase.
7. Apply only when these pins are inputs, i.e., the mode pin is low, and the 7104 is not in handshake mode.
8. Apply only when these pins are outputs, i.e., the mode pin is high, or the 7104 is in handshake mode.
9. Clock circuit shown in Figures 14 and 15.
10. V+ must not be more positive than V++.
ICL8068 Electrical Specifications VSUPPLY = ±15V, Unless Otherwise Specified
PARAMETER
SYMBOL
TEST
CONDITIONS
ICL8068
ICL8068A
UNITS
MIN
TYP
MAX
MIN
TYP
MAX
EACH OPERATIONAL AMPLIFIER
Input Offset Voltage
VOS
VCM = 0V
-
20
65
-
20
65
mV
Input Current (Either Input) (Note 11)
IIN
VCM = 0V
-
175
250
-
80
150
pA
Common-Mode Rejection Ratio
CMRR
VCM = ±10V
70
90
-
70
90
-
dB
Non-Linear Component of Common-
Mode Rejection Ratio (Note 12)
VCM = ±2V
-
110
-
-
110
-
dB
Large Signal Voltage Gain
AV
RL = 50kΩ
20,000
-
-
20,000
-
-
V/V
Slew Rate
SR
-
6
-
-
6
-
V/
µs
Unity Gain Bandwidth
GBW
-
2
-
-
2
-
MHz
Output Short-Circuit Current
ISC
-5
-
-
5
-
mA
COMPARATOR AMPLIFIER
Small-Signal Voltage Gain
AVOL
RL = 30kΩ
-
4000
-
-
-
-
V/V
Positive Output Voltage Swing
+VO
12
13
-
12
13
-
V
Negative Output Voltage Swing
-VO
-2.0
-2.6
-
-2.0
-2.6
-
V
VOLTAGE REFERENCE
Output Voltage
VO
1.5
1.75
2.0
1.60
1.75
1.90
V
Output Resistance
RO
-5
-
-
5
-
ICL7104 Electrical Specifications V+ = +5V, V++ = +15V, V- = -15V, TA = 25oC, fCLOCK = 200kHz (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
MIN
TYP
MAX
UNITS
ICL8052/ICL7104, ICL8068/ICL7104


Similar Part No. - ICL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104-16CPL INTERSIL-ICL7104-16CPL Datasheet
168Kb / 19P
   Precision 4 1/2 Digit, A/D Converter
ICL7104-16CPL INTERSIL-ICL7104-16CPL Datasheet
6Mb / 180P
   Data Acquisition
More results

Similar Description - ICL7104-16CPL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7104 INTERSIL-ICL7104 Datasheet
946Kb / 19P
   14-Bit/16-Bit, Microprocessor- Compatible, 2-Chip, A/D Converter
ICL7134 INTERSIL-ICL7134 Datasheet
773Kb / 16P
   14-Bit Multiplying Microprocessor-Compatible D/A Converter
ICL7121 INTERSIL-ICL7121 Datasheet
607Kb / 10P
   16-Bit Multiplying Microprocessor-Compatible D/A Converter
logo
List of Unclassifed Man...
ZN448 ETC-ZN448 Datasheet
289Kb / 18P
   8-BIT MICROPROCESSOR COMPATIBLE A-D CONVERTER
logo
Analog Devices
AD767JPZ AD-AD767JPZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767JNZ AD-AD767JNZ Datasheet
627Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD667SE-883B AD-AD667SE-883B Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD1148 AD-AD1148_15 Datasheet
2Mb / 6P
   MICROPROCESSOR COMPATIBLE 16 BIT D/A CONVERTERS
AD667SD AD-AD667SD Datasheet
759Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
AD767 AD-AD767 Datasheet
289Kb / 8P
   Microprocessor-Compatible 12-Bit D/A Converter
REV. A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com