Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH5140 Datasheet(PDF) 10 Page - Intersil Corporation

Part # IH5140
Description  High-Level CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5140 Datasheet(HTML) 10 Page - Intersil Corporation

Back Button IH5140 Datasheet HTML 5Page - Intersil Corporation IH5140 Datasheet HTML 6Page - Intersil Corporation IH5140 Datasheet HTML 7Page - Intersil Corporation IH5140 Datasheet HTML 8Page - Intersil Corporation IH5140 Datasheet HTML 9Page - Intersil Corporation IH5140 Datasheet HTML 10Page - Intersil Corporation IH5140 Datasheet HTML 11Page - Intersil Corporation IH5140 Datasheet HTML 12Page - Intersil Corporation IH5140 Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
13-10
Typical Applications
To maximize switching speed on the IH5140 family, TTL open
collector logic (15V with a 1k
Ω or less collector resistor)
should be used. This configuration will result in (SPST) tON
and tOFF times of 80ns and 50ns, for signals between -10V
and +10V. The SPDT and DPST switches are approximately
30ns slower in both tON and tOFF with the same drive configu-
ration. 15V CMOS logic levels can be used (0V to +15V), but
propagation delays in the CMOS logic will slow down the
switching (typical 50ns
→ 100ns delays).
When driving the IH5140 Family from either +5V TTL or
CMOS logic, switching times run 20ns slower than if they
were driven from +15V logic levels. Thus tON is about 105ns,
and tOFF 75ns for SPST switches, and 135ns and 105ns
(tON, tOFF) for SPDT or DPST switches. The low level drive
can be made as fast as the high level drive if
±5V strobe lev-
els are used instead of the usual 0V
→ +3.0V drive. Pin 13 is
taken to -5V instead of the usual GND and strobe input is
taken from +5V to -5V levels as shown in Figure 11.
The typical channel of the IH5140 family consists of both
P-Channel and N-channel MOSFETs. The N-channel
MOSFET uses a “Body Puller” FET to drive the body to -15V
(
±15V supplies) to get good breakdown voltages when the
switch is in the off state (see Figure 12). This “Body Puller”
FET also allows the N-Channel body to electrically float
when the switch is in the on state producing a fairly constant
rDS(ON) with different signal voltages. While this “Body
Puller” FET improves switch performance, it can cause a
problem when analog input signals are present (negative
signals only) and power supplies are off. This fault condition
is shown in Figure 13.
Current will flow from -10V analog voltage through the drain
to body junction of Q1, then through the drain to body junc-
tion of Q3 to GND. This means that there is 10V across two
forward-biased silicon diodes and current will go to whatever
value the input signal source is capable of supplying. If the
analog input signal is derived from the same supplies as the
switch this fault condition cannot occur. Turning off the
supplies would turn off the analog signal at the same time.
This fault situation can also be eliminated by placing a diode
in series with the negative supply line (pin 14) as shown in
Figure 14. Now when the power supplies are off and a nega-
tive input signal is present this diode is reverse biased and
no current can flow.
ANALOG
OUT
ANALOG
OUT
ANALOG IN
(CHANNEL A)
ANALOG IN
(CHANNEL B)
-15V
-5V
+5V
+15V
-5V
+5V
CMOS
LEVEL
INPUT
STROBE
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IH5141
FIGURE 11.
ANALOG IN
ANALOG OUT
D
Q2
±15V FROM
DRIVERS
D
Q1
G
S
B
G
S
G
Q3
S
B
-15V
“BODY PULLER” FET
±15V FROM
DRIVERS
D
SUBSTRATE
FIGURE 12.
ANALOG IN = -10V
Q2
GND WHEN POWER
SUPPLIES ARE OFF
N
Q1
N
P
Q3
SUBSTRATE
N
N
P
GND WHEN POWER
SUPPLIES ARE OFF
FIGURE 13.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IH5141
-15V
+15V
+5V
INB
OUTB
OUTA
T2LBIN
T2LAIN
INA
1N914
OR EQUIVALENT
FIGURE 14.
IH5140 thru IH5145


Similar Part No. - IH5140

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5140 MAXIM-IH5140 Datasheet
164Kb / 4P
   Low Power Fast CMOS Analog Switches
logo
Intersil Corporation
IH5140 INTERSIL-IH5140 Datasheet
4Mb / 122P
   P-CHANNEL JFET
IH5140 INTERSIL-IH5140 Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
logo
Maxim Integrated Produc...
IH5140C/D MAXIM-IH5140C/D Datasheet
164Kb / 4P
   Low Power Fast CMOS Analog Switches
IH5140CJE MAXIM-IH5140CJE Datasheet
164Kb / 4P
   Low Power Fast CMOS Analog Switches
More results

Similar Description - IH5140

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com