Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICM7228CIJI Datasheet(PDF) 9 Page - Intersil Corporation

Part # ICM7228CIJI
Description  8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7228CIJI Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ICM7228CIJI Datasheet HTML 5Page - Intersil Corporation ICM7228CIJI Datasheet HTML 6Page - Intersil Corporation ICM7228CIJI Datasheet HTML 7Page - Intersil Corporation ICM7228CIJI Datasheet HTML 8Page - Intersil Corporation ICM7228CIJI Datasheet HTML 9Page - Intersil Corporation ICM7228CIJI Datasheet HTML 10Page - Intersil Corporation ICM7228CIJI Datasheet HTML 11Page - Intersil Corporation ICM7228CIJI Datasheet HTML 12Page - Intersil Corporation ICM7228CIJI Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9-25
15
DIGIT 1
Output
LED Display Digits 1, 2, 5 and 8 Drive Lines.
16
DlGlT 2
17
DIGIT 5
18
DlGlT 8
19
VDD
Supply
Device Positive Power Supply Rail.
20
DIGIT 4
Output
LED Display Digits 4, 7, 6 and 3 Drive Lines.
21
DlGlT 7
22
DlGlT 6
23
DIGlT 3
24
SEG f
Output
LED Display Segments f, d, g and a Drive Lines.
25
SEG d
26
SEG g
27
SEG a
28
VSS
Supply
Device Ground or Negative Power Supply Rail.
TABLE 2. ICM7228B PIN ASSIGNMENTS AND DESCRIPTIONS
PIN NO.
NAME
FUNCTION
DESCRIPTION
1
DIGIT 4
Output
LED Display Digits 4, 6, 3 and 1 Drive Lines.
2
DlGlT 6
3
DIGIT 3
4
DlGlT 1
5
ID6,
(HEXA/CODE B)
Input
When “MODE” Low: Display Data Input, Bit 7.
When “MODE” High: Control Bit, Decoding Scheme Selection: High, Hexadecimal
Decoding; Low, Code B Decoding.
6
ID5, (DECODE)
Input
When “MODE” Low: Display Data Input, Bit 6.
When “MODE” High: Control Bit, Decode/No Decode Selection: High, No Decode; Low, Decode.
7
ID7,
(DATA COMING)
Input
When “MODE” Low: Display Data Input, Bit 8, Decimal Point Data.
When “MODE” High: Control Bit, Sequential Data Update Select: High, Data Coming; Low,
No Data Coming.
8
WRITE
Input
Data Input Will Be Written to Control Register or Display RAM on Rising Edge of WRITE.
9
MODE
Input
Selects Data to Be Loaded to Control Register or Display RAM: High, Loads Control Reg-
ister; Low, Loads Display RAM.
10
ID4,
(SHUTDOWN)
Input
When “MODE” Low: Display Data Input, Bit 5.
When “MODE” High: Control Bit, Low Power Mode Select: High, Normal Operation; Low,
Oscillator and Display Disabled.
11
ID1
Input
When “MODE” Low: Display Data Input, Bit 2.
When “MODE” High and “ID7 (DATA COMING)” Low: Digit Address, Bit 2, Single Digit
Update Mode.
12
ID0
Input
When “MODE” Low: Display Data Input, Bit 1.
When “MODE” High and “ID7 (DATA COMING)” Low: Digit Address, LSB, Single Digit
Update Mode.
13
ID2
Input
When “MODE” Low: Display Data Input, Bit 3.
When “MODE” High and “ID7 (DATA COMING)” Low: Digit Address, MSB, Single Digit
Update Mode.
TABLE 1. ICM7228A PIN ASSIGNMENTS AND DESCRIPTIONS (Continued)
PIN NO.
NAME
FUNCTION
DESCRIPTION
ICM7228


Similar Part No. - ICM7228CIJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228CIBI INTERSIL-ICM7228CIBI Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228CIBI INTERSIL-ICM7228CIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
logo
Renesas Technology Corp
ICM7228CIBI RENESAS-ICM7228CIBI Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7228CIBIZ INTERSIL-ICM7228CIBIZ Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228CIBIZ INTERSIL-ICM7228CIBIZ Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
More results

Similar Description - ICM7228CIJI

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICM7228AIBI INTERSIL-ICM7228AIBI Datasheet
400Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
August 19, 2015
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7218AIJI INTERSIL-ICM7218AIJI Datasheet
336Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
September 15, 2015
ICM7218 INTERSIL-ICM7218 Datasheet
252Kb / 11P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Renesas Technology Corp
ICM7218 RENESAS-ICM7218 Datasheet
676Kb / 14P
   8-Digit LED Microprocessor-Compatible Multiplexed Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com