Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF120 Datasheet(PDF) 7 Page - Intersil Corporation

Part # IRF120
Description  8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF120 Datasheet(HTML) 7 Page - Intersil Corporation

  IRF120 Datasheet HTML 1Page - Intersil Corporation IRF120 Datasheet HTML 2Page - Intersil Corporation IRF120 Datasheet HTML 3Page - Intersil Corporation IRF120 Datasheet HTML 4Page - Intersil Corporation IRF120 Datasheet HTML 5Page - Intersil Corporation IRF120 Datasheet HTML 6Page - Intersil Corporation IRF120 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
2-7
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
Test Circuits and Waveforms (Continued)
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
Ig(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
IG(REF)
0
IRF120, IRF121, IRF122, IRF123


Similar Part No. - IRF120

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF120 SAMSUNG-IRF120 Datasheet
213Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF120 FAIRCHILD-IRF120 Datasheet
166Kb / 5P
   N-Channel Power MOSFETs, 11 A, 60-100 V
logo
New Jersey Semi-Conduct...
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   IRF120-123/IRF520-523 MTP10N08/10N10 N-Channel Power MOSFETs
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
IRF120 NJSEMI-IRF120 Datasheet
798Kb / 3P
   N-Channel Power MOSFETs, 11 A, 60-100 V
More results

Similar Description - IRF120

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
   18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
   12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
   1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
   2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
   25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFD121 HARRIS-IRFD121 Datasheet
360Kb / 6P
   1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
   4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
   12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
RFP6P08 INTERSIL-RFP6P08 Datasheet
310Kb / 5P
   -6A, -80V and -100V, 0.600 Ohm, P-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com