Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH5142MJE Datasheet(PDF) 9 Page - Intersil Corporation

Part # IH5142MJE
Description  High-Level CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5142MJE Datasheet(HTML) 9 Page - Intersil Corporation

Back Button IH5142MJE Datasheet HTML 5Page - Intersil Corporation IH5142MJE Datasheet HTML 6Page - Intersil Corporation IH5142MJE Datasheet HTML 7Page - Intersil Corporation IH5142MJE Datasheet HTML 8Page - Intersil Corporation IH5142MJE Datasheet HTML 9Page - Intersil Corporation IH5142MJE Datasheet HTML 10Page - Intersil Corporation IH5142MJE Datasheet HTML 11Page - Intersil Corporation IH5142MJE Datasheet HTML 12Page - Intersil Corporation IH5142MJE Datasheet HTML 13Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
13-9
FIGURE 8. IH5141 tON AND tOFF (15V DIGITAL INPUT)
FIGURE 9A.
FIGURE 9B.
FIGURE 9. IH5143 tON AND tOFF (15V DIGITAL INPUT)
FIGURE 10. IH5143 tON AND tOFF (3V DIGITAL INPUT)
Test Circuits and Waveforms (Continued)
VOUT A
10pF
1k
+10V
-15V
0V
TTL
1N914
tON
tOFF
LOGIC INPUT
0V
VOUT B
10pF
1k
-10V
+15V
+15V
TTL
INPUT
INPUT
+15V
0V
0V
0V
VOUT
VOUT
tON
tOFF
+10V
+15V
-10V
NOTE: Switching times are measured at 90% points.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IH5141
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IH5143
10pF
1k
+10V
-15V
+10V
10pF
1k
VOUT B
-10V
-10V
+15V
0V
+15V
TTL INPUT
0V
-10V
+10V
90%
10%
T2L INPUT
VOUT A OR B
tOFF
tON
+15V
VOUT A
10pF
1k
+10V
-15V
VOUT B
10pF
1k
+5V
+15V
0V
+3V
TTL INPUT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
+10V
+10V
IH5143
IH5140 thru IH5145


Similar Part No. - IH5142MJE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5142MJE MAXIM-IH5142MJE Datasheet
164Kb / 4P
   Low Power Fast CMOS Analog Switches
logo
Intersil Corporation
IH5142MJE INTERSIL-IH5142MJE Datasheet
2Mb / 117P
   Analog Switches and Multiplexers
More results

Similar Description - IH5142MJE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com