Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6710GARJZ-REEL7 Datasheet(PDF) 9 Page - Analog Devices

Part # ADM6710GARJZ-REEL7
Description  Low Voltage, High Accuracy, Triple/Quad Voltage Microprocessor Supervisory Circuit
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6710GARJZ-REEL7 Datasheet(HTML) 9 Page - Analog Devices

Back Button ADM6710GARJZ-REEL7 Datasheet HTML 4Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 5Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 6Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 7Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 8Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 9Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 10Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 11Page - Analog Devices ADM6710GARJZ-REEL7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
ADM6710
Rev. A | Page 9 of 12
OUTLINE DIMENSIONS
1
3
4
5
2
6
2.90 BSC
1.60 BSC
2.80 BSC
1.90
BSC
0.95 BSC
0.22
0.08
10°
0.50
0.30
0.15 MAX
1.30
1.15
0.90
SEATING
PLANE
1.45 MAX
0.60
0.45
0.30
PIN 1
INDICATOR
COMPLIANT TO JEDEC STANDARDS MO-178-AB
Figure 16. 6-Lead Small Outline Transistor Package [SOT-23]
(RJ-6)
Dimensions shown in millimeters
ROUND SPROCKET HOLES
DIRECTION OF FEED
PIN 1 MARKER
Figure 17. ADM6710 Reel Orientation
ORDERING GUIDE
Model1, 2
Nominal Input Voltage
Supply
Tolerance (%)
Temperature
Range
Package
Description
Package
Option
Branding
IN1
IN2
IN3
IN4
ADM6710AARJZ-REEL7
5
3.3
2.5
Adj.
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MA9
ADM6710BARJZ-REEL7
5
3.3
2.5
Adj.
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAH
ADM6710CARJZ-REEL7
5
3.3
1.8
Adj.
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAJ
ADM6710DARJZ-REEL7
5
3.3
1.8
Adj.
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAK
ADM6710EARJZ-REEL7
Adj.
3.3
2.5
1.8
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAX
ADM6710FARJZ-REEL7
Adj.
3.3
2.5
1.8
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MA4
ADM6710GARJZ-REEL7
5
3.3
Adj.
Adj.
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAL
ADM6710HARJZ-REEL7
5
3.3
Adj.
Adj.
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAM
ADM6710IARJZ-REEL7
Adj.
3.3
2.5
Adj.
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAN
ADM6710JARJZ-REEL7
Adj.
3.3
2.5
Adj.
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAP
ADM6710KARJZ-REEL7
Adj.
3.3
1.8
Adj.
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAQ
ADM6710LARJZ-REEL7
Adj.
3.3
1.8
Adj.
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAR
ADM6710MARJZ-REEL7
Adj.
3
2.5
Adj.
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAS
ADM6710NARJZ-REEL7
Adj.
3
2.5
Adj.
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAT
ADM6710OARJZ-REEL7
Adj.
3
1.8
Adj.
10
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAU
ADM6710PARJZ-REEL7
Adj.
3
1.8
Adj.
5
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAV
ADM6710QARJZ-REEL7
Adj.
VCC
Adj.
Adj.
Not applicable
−40°C to +85°C
6-Lead SOT-23
RJ-6
MAW
1 Z = RoHS Compliant Part.
2 Adjustable voltage based on 0.62 V internal threshold. The external threshold voltage can be set using an external resistor divider.


Similar Part No. - ADM6710GARJZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6710GARJZ-REEL7 AD-ADM6710GARJZ-REEL7 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
More results

Similar Description - ADM6710GARJZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8710 AD-ADM8710 Datasheet
250Kb / 12P
   Low Voltage, High Accuracy, Quad Voltage Microprocessor Supervisory Circuit
logo
STMicroelectronics
STM6710 STMICROELECTRONICS-STM6710 Datasheet
1Mb / 20P
   Low-voltage, high-accuracy, triple/quad voltage microprocessor supervisory circuit in SOT package
September 2020 Rev 4
STM6710FWB6F STMICROELECTRONICS-STM6710FWB6F Datasheet
315Kb / 21P
   Low voltage, high accuracy, triple/quad voltage microprocessor
logo
Analog Devices
ADM6710 AD-ADM6710 Datasheet
184Kb / 8P
   Low Voltage, High Accuracy, Quad Voltage UP Supervisory Circuit
Rev. PrB
ADM6339 AD-ADM6339 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
logo
ams AG
AS1923 AMSCO-AS1923 Datasheet
76Kb / 2P
   Quad-Voltage Microprocessor Supervisory Circuit
AS1923 AMSCO-AS1923_04 Datasheet
864Kb / 17P
   Quad-Voltage Microprocessor Supervisory Circuit
logo
Analog Devices
ADM6339AARJZ-RL7 AD-ADM6339AARJZ-RL7 Datasheet
203Kb / 12P
   Quad Voltage Microprocessor Supervisory Circuit
REV. A
logo
Maxim Integrated Produc...
MAX6700 MAXIM-MAX6700_05 Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage uP Supervisory Circuits in SOT Package
19-2324; Rev 2; 12/05
MAX6710KUT MAXIM-MAX6710KUT Datasheet
599Kb / 9P
   Low-Voltage, High-Accuracy, Triple/Quad Voltage μP Supervisory Circuits in SOT Package
Rev 2; 12/05
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com