Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM8832 Datasheet(PDF) 11 Page - Analog Devices

Part # ADM8832
Description  Charge Pump Regulator for Color TFT Panel
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM8832 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADM8832_15 Datasheet HTML 4Page - Analog Devices ADM8832_15 Datasheet HTML 5Page - Analog Devices ADM8832_15 Datasheet HTML 6Page - Analog Devices ADM8832_15 Datasheet HTML 7Page - Analog Devices ADM8832_15 Datasheet HTML 8Page - Analog Devices ADM8832_15 Datasheet HTML 9Page - Analog Devices ADM8832_15 Datasheet HTML 10Page - Analog Devices ADM8832_15 Datasheet HTML 11Page - Analog Devices ADM8832_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
ADM8832
Rev. A | Page 11 of 12
OUTLINE DIMENSIONS
1
20
5
6
11
16
15
10
2.25
2.10 SQ
1.95
0.75
0.55
0.35
0.30
0.23
0.18
0.50
BSC
12° MAX
0.20
REF
0.80 MAX
0.65 TYP
0.05 MAX
0.02 NOM
0.90
0.85
0.80
SEATING
PLANE
PIN 1
INDICATOR
TOP
VIEW
3.75
BCS SQ
4.00
BSC SQ
COPLANARITY
0.08
0.60
MAX
0.60
MAX
0.25 MIN
EXPOSED
PAD
(BOTTOM VIEW)
COMPLIANT TO JEDEC STANDARDS MO-220-VGGD-1
Figure 20. 20-Lead Lead Frame Chip Scale Package [LFCSP]
4 mm × 4 mm Body
(CP-20)
Dimensions shown in millimeters
ORDERING GUIDE
Model
Temperature Range
Package Description
Package Option
ADM8832ACP
−40°C to +85°C
Lead Frame Chip Scale Package
CP-20
ADM8832ACP-REEL
−40°C to +85°C
Lead Frame Chip Scale Package
CP-20
ADM8832ACP-REEL7
−40°C to +85°C
Lead Frame Chip Scale Package
CP-20
ADM8832ACPZ1
−40°C to +85°C
Lead Frame Chip Scale Package
CP-20
ADM8832ACPZ-REEL1
−40°C to +85°C
Lead Frame Chip Scale Package
CP-20
ADM8832ACPZ-REEL71
−40°C to +85°C
Lead Frame Chip Scale Package
CP-20
1 Z = Pb-free part.


Similar Part No. - ADM8832_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8832ACP AD-ADM8832ACP Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8832ACP-REEL AD-ADM8832ACP-REEL Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8832ACP-REEL7 AD-ADM8832ACP-REEL7 Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8832ACPZ-REEL AD-ADM8832ACPZ-REEL Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8832ACPZ-REEL7 AD-ADM8832ACPZ-REEL7 Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
More results

Similar Description - ADM8832_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM8830 AD-ADM8830 Datasheet
1Mb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8832 AD-ADM8832 Datasheet
202Kb / 12P
   Charge Pump Regulator for Color TFT Panel
REV. A
ADM8830 AD-ADM8830_15 Datasheet
979Kb / 8P
   Charge Pump Regulator for Color TFT Panel
REV. B
ADM8840 AD-ADM8840 Datasheet
166Kb / 10P
   Charge Pump Regulator & COM Driver for Color TFT Panel
REV. PrG 2/03
ADM8839 AD-ADM8839_15 Datasheet
372Kb / 12P
   Charge Pump Regulator for Color TFT Panels
REV. C
ADM8839 AD-ADM8839 Datasheet
233Kb / 8P
   Charge Pump Regulator for Color TFT Panels
REV. A
logo
Lowpower Semiconductor ...
LP3100 POWER-LP3100 Datasheet
918Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
E-CMOS Corporation
ELP3100 E-CMOS-ELP3100 Datasheet
581Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
logo
Lowpower Semiconductor ...
LP3101A POWER-LP3101A Datasheet
895Kb / 8P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
LP3102 POWER-LP3102 Datasheet
743Kb / 7P
   Dual Channel Charge Pump Power Solution For TFT LCD Panel
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com