Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH5143CPE Datasheet(PDF) 8 Page - Intersil Corporation

Part # IH5143CPE
Description  High-Level CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5143CPE Datasheet(HTML) 8 Page - Intersil Corporation

Back Button IH5143CPE Datasheet HTML 4Page - Intersil Corporation IH5143CPE Datasheet HTML 5Page - Intersil Corporation IH5143CPE Datasheet HTML 6Page - Intersil Corporation IH5143CPE Datasheet HTML 7Page - Intersil Corporation IH5143CPE Datasheet HTML 8Page - Intersil Corporation IH5143CPE Datasheet HTML 9Page - Intersil Corporation IH5143CPE Datasheet HTML 10Page - Intersil Corporation IH5143CPE Datasheet HTML 11Page - Intersil Corporation IH5143CPE Datasheet HTML 12Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
13-8
FIGURE 5A.
FIGURE 5B.
FIGURE 5. CHARGE INJECTION vs ANALOG SIGNAL
FIGURE 6A.
FIGURE 6B.
FIGURE 6. CHANNEL TO CHANNEL CROSS COUPLING REJECTION vs FREQUENCY
Typical Performance Curves (Continued)
NC CHANNEL PINS (3, 4)
NC CHANNEL PINS (1, 16)
+10
+5
0
-5
-10
-10
-5
0
+5
+10
ANALOG SIGNAL VOLTAGE (V)
+100
-100
0.01
µF
-15V
VINJECT
+15V
+5V
VA
0.01
µF
VA
-VINJECT
0mV
0mV
+VINJECT
-VINJECT
+VINJECT
4
µs
+3V
0V
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IH5143
-120
-100
-80
-60
-40
-20
0
100
1K
10K
100M
1M
10M
FREQUENCY (Hz)
51
-15V
VOUT
+15V
+5V
51
C = 1
µF
COPPER GROUND
(OFF CHANNEL)
COAX
TO
SCOPE
(ON CHANNEL)
PLANE JIG
1k
+5V
10VP-P
AT FREQUENCY
= VANALOG
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
C
C
C
C
Test Circuits and Waveforms
FIGURE 7. IH5141 tON AND tOFF (3V DIGITAL INPUT)
VOUT A
10pF
1k
±10V
-15V
VOUT B
10pF
1k
±10V
+5V
+15V
0V
+3V
TTL INPUT
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
IH5141
IH5140 thru IH5145


Similar Part No. - IH5143CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5143CPE MAXIM-IH5143CPE Datasheet
164Kb / 4P
   Low Power Fast CMOS Analog Switches
More results

Similar Description - IH5143CPE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com