Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HS-A460 Datasheet(PDF) 1 Page - Nel Frequency Controls,inc

Part # HS-A460
Description  CMOS (LVTTL Compatible)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

HS-A460 Datasheet(HTML) 1 Page - Nel Frequency Controls,inc

  HS-A460_10 Datasheet HTML 1Page - Nel Frequency Controls,inc HS-A460_10 Datasheet HTML 2Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com
www.nelfc.com
CMOS (LVTTL Compatible)
HS-A460 Series
Description
The HS-A460 Series of quartz crystal oscillators are resistance welded in an all metal package, offering RFI
shielding, and are designed to survive standard wave soldering operations without damage. Insulated
standoffs to enhance board cleaning are standard.
Features
• Wide frequency range–0.5MHz to 30.0MHz
• User specified tolerance available
• Will withstand vapor phase temperatures of 253°C
for 4 minutes maximum
• Space-saving alternative to discrete component
oscillators
• High shock resistance, to 3000g
• All metal, resistance weld, hermetically sealed
package
• Low Jitter
• High Q Crystal actively tuned oscillator circuit
• Power supply decoupling internal
• No internal PLL avoids cascading PLL problems
• High frequencies due to proprietary design
• Gold plated leads - Solder dipped leads available
upon request
• CMOS and TTL output levels
• 3 volt operation
• RoHS Compliant, Lead Free Construction
(unless solder dipped leads are supplied)
• COTS/Dual use
Electrical Connection
Pin
Connection
1
N.C.
7
Grd & Case
8
Output
14
V
DD
CRYSTAL CLOCK OSCILLATORS
Data Sheet 0021H
Rev. F


Similar Part No. - HS-A460_10

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HS-A460-FREQ NEL-HS-A460-FREQ Datasheet
257Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
HS-A460-FREQ NEL-HS-A460-FREQ Datasheet
367Kb / 2P
   CRYSTAL CLOCK OSCILLATORS
More results

Similar Description - HS-A460_10

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
HA-A460 NEL-HA-A460 Datasheet
61Kb / 2P
   CMOS (LVTTL Compatible)
logo
Micross Components
AS4SD16M16 MICROSS-AS4SD16M16 Datasheet
6Mb / 52P
   LVTTL- compatible inputs and outputs
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-000E AVAGO-HCPL-260L-000E Datasheet
216Kb / 20P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Broadcom Corporation.
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com