Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IH5144CPE Datasheet(PDF) 1 Page - Intersil Corporation

Part # IH5144CPE
Description  High-Level CMOS Analog Switches
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IH5144CPE Datasheet(HTML) 1 Page - Intersil Corporation

  IH5144CPE Datasheet HTML 1Page - Intersil Corporation IH5144CPE Datasheet HTML 2Page - Intersil Corporation IH5144CPE Datasheet HTML 3Page - Intersil Corporation IH5144CPE Datasheet HTML 4Page - Intersil Corporation IH5144CPE Datasheet HTML 5Page - Intersil Corporation IH5144CPE Datasheet HTML 6Page - Intersil Corporation IH5144CPE Datasheet HTML 7Page - Intersil Corporation IH5144CPE Datasheet HTML 8Page - Intersil Corporation IH5144CPE Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
13-1
Semiconductor
April 1999
IH5140 thru IH5145
High-Level CMOS Analog Switches
Features
• Super Fast Break-Before-Make Switching
• SPST Switches (Typ)
-tON . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80ns
-tOFF . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50ns
• Power Supply Currents . . . . . . . . . . . . . . . . . . . . <1
µA
• OFF Leakages at 25oC (Typ) . . . . . . . . . . . . . . . <100pA
• Non-Latching with Supply Turn-Off
• Single Monolithic CMOS Chip
• Plug-In Replacements for IH5040 Family and Part of
the DG180 Family to Upgrade Speed and Leakage
• Toggle Rate. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . >1MHz
• Switches Signals with
±15V Supplies. . . . . . . . . . . . >20VP-P
• TTL, CMOS Direct Compatibility
• Internal Diode in Series with V+ for Fault Protection
Description
The IH5140 Family of CMOS switches utilizes Harris’ latch-
free junction isolated processing to build the fastest switches
currently available. These switches can be toggled at a rate of
greater than 1MHz with fast tON times (80ns typical) and
faster tOFF times (50ns typical), guaranteeing break before
make switching. This family of switches combines the speed
of the hybrid FET DG180 family with the reliability and low
power consumption of a monolithic CMOS construction.
Very low quiescent power is dissipated in either the ON or
the OFF state of the switch. Maximum power supply current
is 1
0µA (at 25oC) from any supply and typical quiescent cur-
rents are in the 10nA which makes these devices ideal for
portable equipment and military applications.
The IH5140 Family is completely compatible with TTL (5V)
logic, TTL open collector logic and CMOS logic. It is pin
compatible with Harris’ IH5040 family and part of the
DG180/DG190 family as shown in the switching state diagrams.
Part Number Information
PART NUMBER
FUNCTION
TEMP. RANGE (oC)
PACKAGE
PKG. NO.
IH5140MJE
SPST
-55 to 125
16 Ld CerDIP
IH5140CJE
SPST
0 to 70
16 Ld CERDIP
IH5140CPE
SPST
0 to 70
16 Ld PDIP
IH5141MJE
Dual SPST
-55 to 125
16 Ld CerDIP
IH5141CJE
Dual SPST
0 to 70
16 Ld CERDIP
IH5141CPE
Dual SPST
0 to 70
16 Ld PDIP
IH5142MJE
SPDT
-55 to 125
16 Ld CerDIP
IH5142CJE
SPDT
0 to 70
16 Ld CERDIP
IH5142CPE
SPDT
0 to 70
16 Ld PDIP
IH5143MJE
Dual SPDT
-55 to 125
16 Ld CERDIP
IH5143CJE
Dual SPDT
0 to 70
16 Ld CerDIP
IH5143CPE
Dual SPDT
0 to 70
16 Ld PDIP
IH5144MJE
DPST
-55 to 125
16 Ld CERDIP
IH5144CJE
DPST
0 to 70
16 Ld CERDIP
IH5144CPE
DPST
0 to 70
16 Ld PDIP
IH5145MJE
Dual DPST
-55 to 125
16 Ld CerDIP
IH5145CJE
Dual DPST
0 to 70
16 Ld CerDIP
IH5145CPE
Dual DPST
0 to 70
16 Ld PDIP
IH5140MJE/883B
SPST
-55 to 125
16 Ld CERDIP
IH5141MJE/883B
Dual SPST
-55 to 125
16 Ld CERDIP
IH5142MJE/883B
SPDT
-55 to 125
16 Ld CERDIP
IH5143MJE/883B
Dual SPDT
-55 to 125
16 Ld CERDIP
IH5144MJE/883B
DPST
-55 to 125
16 Ld CERDIP
IH5145MJE/883B
Dual DPST
-55 to 125
16 Ld CERDIP
NOTE:
1. For MIL-STD-883 compliant parts, request the /883 datasheet on the above products.
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© Harris Corporation 1999
File Number
3132.2
OBSOLETE
PRODUCT
POSSIBLE
SUBSTITUTE
PRODUCT
IH5140,
IH5141:
DG401
IH5142:
HI-5042,
DG403,
HI-5043
IH5143:
DG403,
HI-5043,
HI-0390
IH5144,
IH5145:
HI-5049,
HI-5045
NOTE:
Pinout
and
pin count
of single
devices
allow
dual
devices
to be
pin compatible
replacements.


Similar Part No. - IH5144CPE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
IH5144CPE MAXIM-IH5144CPE Datasheet
164Kb / 4P
   Low Power Fast CMOS Analog Switches
More results

Similar Description - IH5144CPE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
DG303A_MIL VISHAY-DG303A_MIL Datasheet
78Kb / 8P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG300B VISHAY-DG300B_11 Datasheet
205Kb / 14P
   CMOS Analog Switches
Rev. C, 28-Feb-11
logo
Maxim Integrated Produc...
DG304A MAXIM-DG304A_04 Datasheet
1Mb / 9P
   CMOS Analog Switches
Rev 1; 5/04
IH5048 MAXIM-IH5048 Datasheet
136Kb / 4P
   CMOS Analog switches
19-0215; Rev. 1; 12/92
logo
Vishay Siliconix
DG300AMIL VISHAY-DG300AMIL Datasheet
79Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
DG304AMIL VISHAY-DG304AMIL Datasheet
72Kb / 9P
   CMOS Analog Switches
Rev. A, 16-Jul-01
DG390AAK VISHAY-DG390AAK Datasheet
188Kb / 17P
   CMOS Analog Switches
Rev. A, 22-Jan-01
DG304B VISHAY-DG304B_08 Datasheet
121Kb / 8P
   CMOS Analog Switches
Rev. B, 27-Jun-05
logo
Intersil Corporation
HI-5042 INTERSIL-HI-5042_05 Datasheet
490Kb / 12P
   CMOS Analog Switches
logo
Vishay Siliconix
DG300A-MIL VISHAY-DG300A-MIL Datasheet
82Kb / 10P
   CMOS Analog Switches
Rev. C, 11-Aug-03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com