Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR25FM-12LB Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # BCR25FM-12LB
Description  600V - 25A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR25FM-12LB Datasheet(HTML) 7 Page - Renesas Technology Corp

  BCR25FM-12LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR25FM-12LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR25FM-12LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR25FM-12LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR25FM-12LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR25FM-12LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR25FM-12LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR25FM-12LB_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
BCR25FM-12LB
Preliminary
R07DS0964EJ0100 Rev.1.00
Page 7 of 7
Feb 28, 2014
Package Dimensions
5.08
± 0.20
3.18 ± 0.10
0.80
± 0.20
1.28 ± 0.30
2.76 ± 0.20
0.50
2.54
± 0.20
Max 1.47
10.16
± 0.20
Unit: mm
1.9g
MASS[Typ.]
PRSS0003AG-A
RENESAS Code
JEITA Package Code
Previous Code
Package Name
TO-220FP
Ordering Information
Orderable Part Number
Packing
Quantity
Remark
BCR25FM-12LB#BB0
Tube
50 pcs.
Straight type
BCR25FM-12LB
#BB0
Tube
50 pcs.
:Lead forming type
Note : Please confirm the specification about the shipping in detail.


Similar Part No. - BCR25FM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25FM-12LB RENESAS-BCR25FM-12LB_17 Datasheet
802Kb / 9P
   600V - 25A - Triac
More results

Similar Description - BCR25FM-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB_15 Datasheet
224Kb / 8P
   600V - 25A - Triac Medium Power Use
BCR25FR-12LB RENESAS-BCR25FR-12LB_15 Datasheet
119Kb / 8P
   600V - 25A - Triac Medium Power Use
BCR25FM-12LB RENESAS-BCR25FM-12LB Datasheet
62Kb / 4P
   600V - 25A - Triac Medium Power Use
BCR25FR-12LB RENESAS-BCR25FR-12LB Datasheet
493Kb / 9P
   600V - 25A - Triac Medium Power Use
May 31, 2018
BCR25PM-14LJ RENESAS-BCR25PM-14LJ_15 Datasheet
120Kb / 8P
   700V - 25A - Triac Medium Power Use
BCR25FM-14LJ RENESAS-BCR25FM-14LJ_15 Datasheet
121Kb / 8P
   700V - 25A - Triac Medium Power Use
BCR25PM-14LJ RENESAS-BCR25PM-14LJ Datasheet
301Kb / 8P
   700V - 25A - Triac Medium Power Use
Jul 28, 2014
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
   600V - 16A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com