Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BCR25FR-12LB Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # BCR25FR-12LB
Description  600V - 25A - Triac Medium Power Use
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BCR25FR-12LB Datasheet(HTML) 3 Page - Renesas Technology Corp

  BCR25FR-12LB_15 Datasheet HTML 1Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 2Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 3Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 4Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 5Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 6Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 7Page - Renesas Technology Corp BCR25FR-12LB_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
BCR25FR-12LB
Preliminary
R07DS1155EJ0100 Rev.1.00
Page 3 of 7
Feb 28, 2014
Performance Curves
Maximum On-State Characteristics
On-State Voltage (V)
Rated Surge On-State Current
Conduction Time (Cycles at 50Hz)
Gate Characteristics (I, II and III)
Gate Current (mA)
Gate Trigger Voltage vs.
Junction Temperature
Junction Temperature (°C)
Gate Trigger Current vs.
Junction Temperature
Junction Temperature (°C)
Maximum Transient Thermal Impedance
Characteristics (Junction to case)
Conduction Time (Cycles at 60Hz)
100
101
102
103
0.5
1.0
1.5
2.0
2.5
3.0
3.5
0
100
200
300
400
100
101
102
Tj = 25°C
Tj = 150°C
101
102
103
-40
0
40
80
120
160
2
101
102
103
104
5
37
2
5
37
2
5
37
5
3
2
101
100
10–1
7
5
3
2
7
5
7
5
3
2
V
GT = 2.5 V
V
GM = 10 V
I
FGT I, IRGT I, IRGT III
P
G(AV) =
0.5 W
P
GM = 5 W
I
GM = 2 A
V
GD = 0.1 V
IRGT III
IRGT I
IFGT I
101
102
103
-40
0
40
80
120
160
0
1
2
3
4
10-1
100
101
102
102
103
104
105
Typical Example
Typical Example


Similar Part No. - BCR25FR-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25FR-12LBBB0 RENESAS-BCR25FR-12LBBB0 Datasheet
493Kb / 9P
   600V - 25A - Triac Medium Power Use
May 31, 2018
BCR25FR-12LBBH0 RENESAS-BCR25FR-12LBBH0 Datasheet
493Kb / 9P
   600V - 25A - Triac Medium Power Use
May 31, 2018
More results

Similar Description - BCR25FR-12LB_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
BCR25CM-12LB RENESAS-BCR25CM-12LB_15 Datasheet
224Kb / 8P
   600V - 25A - Triac Medium Power Use
BCR25FM-12LB RENESAS-BCR25FM-12LB_15 Datasheet
120Kb / 8P
   600V - 25A - Triac Medium Power Use
BCR25FM-12LB RENESAS-BCR25FM-12LB Datasheet
62Kb / 4P
   600V - 25A - Triac Medium Power Use
BCR25FR-12LB RENESAS-BCR25FR-12LB Datasheet
493Kb / 9P
   600V - 25A - Triac Medium Power Use
May 31, 2018
BCR25PM-14LJ RENESAS-BCR25PM-14LJ_15 Datasheet
120Kb / 8P
   700V - 25A - Triac Medium Power Use
BCR25FM-14LJ RENESAS-BCR25FM-14LJ_15 Datasheet
121Kb / 8P
   700V - 25A - Triac Medium Power Use
BCR25PM-14LJ RENESAS-BCR25PM-14LJ Datasheet
301Kb / 8P
   700V - 25A - Triac Medium Power Use
Jul 28, 2014
BCR8FM-12LB RENESAS-BCR8FM-12LB_15 Datasheet
138Kb / 8P
   600V - 8A - Triac Medium Power Use
BCR16CM-12LB RENESAS-BCR16CM-12LB_15 Datasheet
164Kb / 9P
   600V - 16A - Triac Medium Power Use
BCR5FM-12LB RENESAS-BCR5FM-12LB_15 Datasheet
63Kb / 4P
   600V - 5A - Triac Medium Power Use
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com