Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF423 Datasheet(PDF) 7 Page - Intersil Corporation

Part # IRF423
Description  2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF423 Datasheet(HTML) 7 Page - Intersil Corporation

  IRF423 Datasheet HTML 1Page - Intersil Corporation IRF423 Datasheet HTML 2Page - Intersil Corporation IRF423 Datasheet HTML 3Page - Intersil Corporation IRF423 Datasheet HTML 4Page - Intersil Corporation IRF423 Datasheet HTML 5Page - Intersil Corporation IRF423 Datasheet HTML 6Page - Intersil Corporation IRF423 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
5-7
Test Circuits and Waveforms
FIGURE 15. UNCLAMPED ENERGY TEST CIRCUIT
FIGURE 16. UNCLAMPED ENERGY WAVEFORMS
FIGURE 17. SWITCHING TIME TEST CIRCUIT
FIGURE 18. RESISTIVE SWITCHING WAVEFORMS
FIGURE 19. GATE CHARGE TEST CIRCUIT
FIGURE 20. GATE CHARGE WAVEFORMS
tP
VGS
0.01
L
IAS
+
-
VDS
VDD
RG
DUT
VARY tP TO OBTAIN
REQUIRED PEAK IAS
0V
VDD
VDS
BVDSS
tP
IAS
tAV
0
VGS
RL
RG
DUT
+
-
VDD
tON
td(ON)
tr
90%
10%
VDS
90%
10%
tf
td(OFF)
tOFF
90%
50%
50%
10%
PULSE WIDTH
VGS
0
0
0.3
µF
12V
BATTERY
50k
VDS
S
DUT
D
G
IG(REF)
0
(ISOLATED
VDS
0.2
µF
CURRENT
REGULATOR
ID CURRENT
SAMPLING
IG CURRENT
SAMPLING
SUPPLY)
RESISTOR
RESISTOR
SAME TYPE
AS DUT
Qg(TOT)
Qgd
Qgs
VDS
0
VGS
VDD
IG(REF)
0
IRF420, IRF421, IRF422, IRF423


Similar Part No. - IRF423

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF423 SAMSUNG-IRF423 Datasheet
211Kb / 5P
   N-CHANNEL POWER MOSFETS
logo
Fairchild Semiconductor
IRF423 FAIRCHILD-IRF423 Datasheet
157Kb / 5P
   N-Channel Power MOSFETs, 3.0 A, 450 V/500 V
logo
New Jersey Semi-Conduct...
IRF423 NJSEMI-IRF423 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Inchange Semiconductor ...
IRF423 ISC-IRF423 Datasheet
48Kb / 2P
   isc N-Channel MOSFET Transistor
logo
ARTSCHIP ELECTRONICS CO...
IRF423 ARTSCHIP-IRF423 Datasheet
381Kb / 5P
   N-Channel Power MOSFETs
More results

Similar Description - IRF423

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
IRF420 NJSEMI-IRF420 Datasheet
142Kb / 3P
   2.2A and 2.5A, 450V and 500V, 3.0 and 4.0 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFM10N45 INTERSIL-RFM10N45 Datasheet
31Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM6N45 INTERSIL-RFM6N45 Datasheet
32Kb / 4P
   6A, 450V and 500V, 1.250 Ohm, N-Channel Power MOSFETs
RFH10N45 INTERSIL-RFH10N45 Datasheet
32Kb / 4P
   10A, 450V and 500V, 0.600 Ohm, N-Channel Power MOSFETs
RFM3N45 INTERSIL-RFM3N45 Datasheet
81Kb / 10P
   3A, 450V and 500V, 3 Ohm, N-Channel Power MOSFETs
IRFR420 INTERSIL-IRFR420 Datasheet
55Kb / 7P
   2.5A, 500V, 3.000 Ohm, N-Channel Power MOSFETs
logo
Fairchild Semiconductor
2N6761 FAIRCHILD-2N6761 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 4.5A, 450V/500V
2N6769 FAIRCHILD-2N6769 Datasheet
137Kb / 5P
   N-Channel Power MOSFETs, 12A, 450V/500V
IRF430-433 FAIRCHILD-IRF430-433 Datasheet
141Kb / 6P
   N-Channel Power MOSFETs, 4.5 A, 450V/500V
logo
Intersil Corporation
IRFR214 INTERSIL-IRFR214 Datasheet
52Kb / 6P
   2.2A, 250V, 2.000 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com