Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HAT1111C Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # HAT1111C
Description  Silicon P Channel MOS FET Power Switching
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT1111C Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT1111C_15 Datasheet HTML 1Page - Renesas Technology Corp HAT1111C_15 Datasheet HTML 2Page - Renesas Technology Corp HAT1111C_15 Datasheet HTML 3Page - Renesas Technology Corp HAT1111C_15 Datasheet HTML 4Page - Renesas Technology Corp HAT1111C_15 Datasheet HTML 5Page - Renesas Technology Corp HAT1111C_15 Datasheet HTML 6Page - Renesas Technology Corp HAT1111C_15 Datasheet HTML 7Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
HAT1111C
R07DS1177EJ0700 Rev.7.00
Page 4 of 6
Mar 19, 2014
1000
800
600
400
200
−25 0
25
50
75
100 125
150
0
-0.3
-0.1
-3
-30
-100
100
30
10
3
1
0.3
0.1
-1
-10
Case Temperature
Tc (°C)
Static Drain to Source On State Resistance
vs. Temperature
Drain Current
ID (A)
Forward Transfer Admittance vs.
Drain Current
25
°C
Tc =
−25°C
75
°C
VDS = -10 V
Pulse Test
VGS = -10V
Pulse Test
-0.5,-1 A
0
-20
-40
-60
3000
1000
10000
100
300
0
0
0
-20
-4
-40
-8
-60
-12
246
8
10
-16
1000
100
1
10
-0.01 -0.03
-0.1
-0.3
-1
-3
-10
30
10
3
1
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = -2 A
VDD
VGS
Drain to Source Voltage
VDS (V)
Typical Capacitance vs.
Drain to Source Voltage
Gate Charge
Qg (nC)
Dynamic Input Characteristics
Drain Current
ID (A)
Switching Characteristics
VDD = -50 V
-25 V
-10 V
td(on)
td(off)
tr
tf
VDD = -10 V
-25 V
-50 V
-2 A
-10
-30
-50
0
-0.4
-0.8
-1.2
-1.6
-2.0
-10
-4
VGS = 0 , 10 V
Source to Drain Voltage
VSD (V)
Reverse Drain Current vs.
Source to Drain Voltage
Pulse Test
-2
-6
-8
-2 A
ID = -0.5,-1 A
-4.5V
-10 V
-80


Similar Part No. - HAT1111C_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1111C RENESAS-HAT1111C_16 Datasheet
387Kb / 7P
   -60V, -2A, 307m max Silicon P Channel MOS FET Power Switching
More results

Similar Description - HAT1111C_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HAT1091C RENESAS-HAT1091C Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0301HGDQS RENESAS-RQJ0301HGDQS Datasheet
97Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1096C RENESAS-HAT1096C Datasheet
82Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0304DQDQS RENESAS-RQJ0304DQDQS Datasheet
120Kb / 8P
   Silicon P Channel MOS FET Power Switching
HITJ0201MP RENESAS-HITJ0201MP Datasheet
91Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1094C RENESAS-HAT1094C_15 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HAT1091C RENESAS-HAT1091C_15 Datasheet
99Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0602EGDQS RENESAS-RQJ0602EGDQS_15 Datasheet
116Kb / 9P
   Silicon P Channel MOS FET Power Switching
RQJ0302NGDQA RENESAS-RQJ0302NGDQA_11 Datasheet
88Kb / 7P
   Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_13 Datasheet
105Kb / 7P
   Silicon P Channel MOS FET Power Switching
RQJ0202VGDQA RENESAS-RQJ0202VGDQA_15 Datasheet
171Kb / 8P
   Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com