Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RJE0618JSP Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # RJE0618JSP
Description  ??0V, ??0A, P Channel Thermal FET Power Switching
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

RJE0618JSP Datasheet(HTML) 5 Page - Renesas Technology Corp

  RJE0618JSP_15 Datasheet HTML 1Page - Renesas Technology Corp RJE0618JSP_15 Datasheet HTML 2Page - Renesas Technology Corp RJE0618JSP_15 Datasheet HTML 3Page - Renesas Technology Corp RJE0618JSP_15 Datasheet HTML 4Page - Renesas Technology Corp RJE0618JSP_15 Datasheet HTML 5Page - Renesas Technology Corp RJE0618JSP_15 Datasheet HTML 6Page - Renesas Technology Corp RJE0618JSP_15 Datasheet HTML 7Page - Renesas Technology Corp RJE0618JSP_15 Datasheet HTML 8Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
RJE0618JSP
Preliminary
R07DS1147EJ0200 Rev.2.00
Page 5 of 7
Jun 26, 2014
Gate to Source Voltage VGS (V)
Shutdown Case Temperature vs.
Gate to Source Voltage
Gate to Source Voltage vs.
Shutdown Time of Load-Short Test
Shutdown Time of Load-Short Test PW (ms)
−16
−4
−6
−8
−10
−12
−14
−2
−0
10
0.1
1
VDD = −16 V
−24 V
200
180
160
140
120
0
100
−2
−4
−6
−8
−10
ID = −0.5 A
Normalized Transient Thermal Impedance vs. Pulse Width
10 µ
100 µ
1 m
10 m
100 m
1
10
100
1000
10000
10
1
0.1
0.01
0.001
0.0001
D = 1
0.5
0.2
0.1
0.05
0.02
0.01
1s
ho
t p
uls
e
DM
P
PW
T
D =
PW
T
θch − f(t) = γs (t) • θch − f
θch − f = 83.3 °C/ W, Ta = 25 °C
When using the glass epoxy board
(FR4 40 × 40 × 1.6 mm)


Similar Part No. - RJE0618JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJE0618JSP RENESAS-RJE0618JSP Datasheet
106Kb / 8P
   P Channel Thermal FET
More results

Similar Description - RJE0618JSP_15

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RJE0620JPD RENESAS-RJE0620JPD_15 Datasheet
107Kb / 8P
   ??0V, ??0A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP Datasheet
262Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
RJE0617JSP RENESAS-RJE0617JSP_15 Datasheet
224Kb / 8P
   ??0V, ??.5A, P Channel Thermal FET Power Switching
logo
Rohm
RTR020P02TL ROHM-RTR020P02TL Datasheet
110Kb / 5P
   Switching (??0V, ??.0A)
RSS050P03TB ROHM-RSS050P03TB Datasheet
93Kb / 5P
   Switching (??0V, ??.0A)
logo
Renesas Technology Corp
HITJ0204MP RENESAS-HITJ0204MP_15 Datasheet
106Kb / 7P
   ??0V, ??.6A, 280m?뾪ax Silicon P Channel MOS FET Power Switching
HITJ0303MP RENESAS-HITJ0303MP_15 Datasheet
107Kb / 7P
   ??0V, ??.3A, 68m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0302MP RENESAS-HITJ0302MP_15 Datasheet
102Kb / 7P
   ??0V, ??.2A, 173m?뾪ax Silicon P Channel MOS FET Power Switching
HITJ0203MP RENESAS-HITJ0203MP_15 Datasheet
105Kb / 7P
   ??0V, ??.1A , 180m?뾪ax. Silicon P Channel MOS FET Power Switching
HITJ0202MP RENESAS-HITJ0202MP_15 Datasheet
106Kb / 7P
   ??0V, ??.7A, 105m?뾪ax Silicon P Channel MOS FET Power Switching
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com