Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO4447 Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO4447
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO4447 Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AO4447 Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO4447 Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO4447 Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO4447 Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
P-Channel MOSFET
AO4447 (KO4447)
Typical Characterisitics
0
10
20
30
40
50
60
0
1
2
3
4
5
-VDS (Volts)
Fig 1: On-Region Characteristics
VGS=-2.5V
-3.5V
-4V
-10V
-3V
0
5
10
15
20
25
1
1.5
2
2.5
3
-VGS(Volts)
Figure 2: Transfer Characteristics
6
8
10
12
0
5
10
15
20
25
-ID (A)
Figure 3: On-Resistance vs. Drain Current and
Gate Voltage
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
-VSD (Volts)
Figure 6: Body-Diode Characteristics
25°C
125°C
0.6
0.8
1
1.2
1.4
1.6
-50 -25
0
25
50
75 100 125 150 175
Temperature (°C)
Figure 4: On-Resistance vs. Junction
Temperature
VGS=-10V
ID=-15A
VGS=-4V
ID=-13A
0
5
10
15
20
25
30
2
4
6
8
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
25°C
125°C
VDS=-5V
VGS=-4V
VGS=-10V
ID=-15A
25°C
125°C


Similar Part No. - AO4447

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO4447 AOSMD-AO4447 Datasheet
1Mb / 7P
   P-Channel Enhancement Mode Field Effect Transistor
AO4447 AOSMD-AO4447 Datasheet
174Kb / 4P
   30V P-Channel MOSFET
logo
shenzhen wanhexing Elec...
AO4447 WHXPCB-AO4447 Datasheet
1Mb / 4P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO4447-HF KEXIN-AO4447-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO4447A AOSMD-AO4447A Datasheet
194Kb / 5P
   30V P-Channel MOSFET
More results

Similar Description - AO4447

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com