Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AO6401A-HF Datasheet(PDF) 3 Page - Guangdong Kexin Industrial Co.,Ltd

Part # AO6401A-HF
Description  P-Channel MOSFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEXIN [Guangdong Kexin Industrial Co.,Ltd]
Direct Link  http://www.kexin.com.cn/index.asp
Logo KEXIN - Guangdong Kexin Industrial Co.,Ltd

AO6401A-HF Datasheet(HTML) 3 Page - Guangdong Kexin Industrial Co.,Ltd

  AO6401A-HF Datasheet HTML 1Page - Guangdong Kexin Industrial Co.,Ltd AO6401A-HF Datasheet HTML 2Page - Guangdong Kexin Industrial Co.,Ltd AO6401A-HF Datasheet HTML 3Page - Guangdong Kexin Industrial Co.,Ltd AO6401A-HF Datasheet HTML 4Page - Guangdong Kexin Industrial Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
SMD Type
www.kexin.com.cn
3
MOSFET
Typical Characterisitics
5
2
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
-VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
20
40
60
80
100
0
2
4
6
8
10
-ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
(Note E)
VGS=-2.5V
ID=-1A
VGS=-10V
ID=-5A
VGS=-4.5V
ID=-4A
25°C
125°C
VDS=-5V
VGS=4.5V
VGS=10V
0
5
10
15
20
25
0
1
2
3
4
5
-VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=-2.0V
-2.5V
10V
4.5V
VGS=2.5V
0
5
10
15
20
0
0.5
1
1.5
2
2.5
3
-VGS(Volts)
Figure 2: Transfer Characteristics (Note E)
20
40
60
80
100
0
2
4
6
8
10
-ID (A)
Figure 3: On-Resistance vs. Drain Current and Gate
Voltage (Note E)
1.0E-05
1.0E-04
1.0E-03
1.0E-02
1.0E-01
1.0E+00
1.0E+01
0.0
0.2
0.4
0.6
0.8
1.0
1.2
-VSD (Volts)
Figure 6: Body-Diode Characteristics (Note E)
25°C
125°C
0.8
1
1.2
1.4
1.6
1.8
0
25
50
75
100
125
150
175
Temperature (°C)
Figure 4: On-Resistance vs. Junction Temperature
VGS=-2.5V
ID=-1A
VGS=-10V
ID=-5A
VGS=-4.5V
ID=-4A
30
50
70
90
110
130
150
0
2
4
6
8
10
-VGS (Volts)
Figure 5: On-Resistance vs. Gate-Source Voltage
(Note E)
25°C
125°C
VDS=-5V
VGS=4.5V
VGS=10V
ID=-5A
25°C
125°C
0
5
10
15
20
25
0
1
2
3
4
5
-VDS (Volts)
Fig 1: On-Region Characteristics (Note E)
VGS=-2.0V
-2.5V
10V
4.5V
VGS=2.5V
P-Channel MOSFET
AO6401A-HF (KO6401A-HF)


Similar Part No. - AO6401A-HF

ManufacturerPart #DatasheetDescription
logo
Alpha & Omega Semicondu...
AO6401A AOSMD-AO6401A Datasheet
772Kb / 4P
   P-Channel Enhancement Mode Field Effect Transistor
AO6401A AOSMD-AO6401A Datasheet
242Kb / 5P
   30V P-Channel MOSFET
logo
Guangdong Kexin Industr...
AO6401A KEXIN-AO6401A Datasheet
2Mb / 4P
   P-Channel MOSFET
logo
Guangdong Youtai Semico...
AO6401A UMW-AO6401A Datasheet
452Kb / 7P
   30V P-Channel MOSFET
logo
Alpha & Omega Semicondu...
AO6401A AOSMD-AO6401A_11 Datasheet
242Kb / 5P
   30V P-Channel MOSFET
More results

Similar Description - AO6401A-HF

ManufacturerPart #DatasheetDescription
logo
Guangdong Kexin Industr...
2SJ179 KEXIN-2SJ179_15 Datasheet
1Mb / 4P
   P-Channel MOSFET
2SJ602-ZJ KEXIN-2SJ602-ZJ Datasheet
1Mb / 5P
   P-Channel MOSFET
AO3421E-HF KEXIN-AO3421E-HF Datasheet
1Mb / 4P
   P-Channel MOSFET
SI2341DS-HF KEXIN-SI2341DS-HF Datasheet
1Mb / 5P
   P-Channel MOSFET
SI3437DV KEXIN-SI3437DV Datasheet
2Mb / 5P
   P-Channel MOSFET
logo
SeCoS Halbleitertechnol...
SSF1321P SECOS-SSF1321P_15 Datasheet
487Kb / 4P
   P-Channel MOSFET
logo
Solid States Devices, I...
FT0012 SSDI-FT0012_15 Datasheet
67Kb / 2P
   P-Channel MOSFET
logo
Jiangsu Changjiang Elec...
BSS84 JIANGSU-BSS84 Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ502K JIANGSU-CJ502K Datasheet
1Mb / 5P
   P-CHANNEL MOSFET
CJ2333 JIANGSU-CJ2333 Datasheet
1,009Kb / 5P
   P-channel MOSFET
logo
Renesas Technology Corp
UPA2736GR RENESAS-UPA2736GR_16 Datasheet
331Kb / 7P
   P-channel MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com