Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADM6321AX25ARJZR7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADM6321AX25ARJZR7
Description  Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADM6321AX25ARJZR7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADM6321AX25ARJZR7 Datasheet HTML 4Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 5Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 6Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 7Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 8Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 9Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 10Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 11Page - Analog Devices ADM6321AX25ARJZR7 Datasheet HTML 12Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
ADM6316/ADM6317/ADM6318/ADM6319/ADM6320/ADM6321/ADM6322
Data Sheet
Rev. F | Page 8 of 16
TEMPERATURE (°C)
–40
60
40
80
20
0
–20
1.20
1.15
1.10
1.05
1.00
0.95
0.90
Figure 13. Normalized Watchdog Timeout Period vs. Temperature
(ADM6316/ADM6317/ADM6318/ADM6320/ADM6321)
OVERDRIVE VOLTAGE (mV)
1000
10
100
160
120
140
100
60
80
40
20
0
VTH = 4.63V
VTH = 2.93V
RESET OCCURS ABOVE CURVE
Figure 14. Maximum VCC Transient Duration vs. Reset
Threshold Overdrive
TEMPERATURE (°C)
–50
0
50
190
160
180
170
150
130
140
120
110
100
Figure 15. Manual Reset Minimum Pulse Width vs. Temperature
(ADM6316/ADM6317/ADM6319/ADM6320/ADM6322)
TEMPERATURE (°C)
–40
10
60
3.8
3.2
3.6
3.4
3.0
2.6
2.8
2.4
2.2
2.0
NEGATIVE PULSE
POSITIVE PULSE
Figure 16. Watchdog Input Minimum Pulse Width vs. Temperature
(ADM6316/ADM6317/ADM6318/ADM6320/ADM6321)


Similar Part No. - ADM6321AX25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6321AX29ARJZ-R7 AD-ADM6321AX29ARJZ-R7 Datasheet
372Kb / 14P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. J
More results

Similar Description - ADM6321AX25ARJZR7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADM6316 AD-ADM6316 Datasheet
255Kb / 11P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev.PrC
ADM8316WBX30ARJZR7 AD-ADM8316WBX30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM8321WAY30ARJZR7 AD-ADM8321WAY30ARJZR7 Datasheet
314Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
REV. 0
ADM6320 AD-ADM6320_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CY29ARJZ-R7 AD-ADM6320CY29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319C46ARJZ-RL7 AD-ADM6319C46ARJZ-RL7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6320CZ29ARJZ-R7 AD-ADM6320CZ29ARJZ-R7 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6317 AD-ADM6317_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6319 AD-ADM6319_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
ADM6321 AD-ADM6321_15 Datasheet
254Kb / 16P
   Supervisory Circuits with Watchdog and Manual Reset in 5-Lead SOT-23
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com