Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

A-20042-LP-SMT-B Datasheet(PDF) 1 Page - Assmann Electronics Inc.

Part # A-20042-LP-SMT-B
Description  HIGH TMEP Polyester
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASSMANN [Assmann Electronics Inc.]
Direct Link  http://www.assmann.us
Logo ASSMANN - Assmann Electronics Inc.

A-20042-LP-SMT-B Datasheet(HTML) 1 Page - Assmann Electronics Inc.

  A-20042-LP-SMT-B Datasheet HTML 1Page - Assmann Electronics Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
1
2
3
4
5
6
7
1
2
3
4
5
6
7
A
B
C
D
E
F
G
H
A
B
C
D
E
F
G
H
Item No.
Drawing No.
Title
Name
Chappell
Drawn
12.21.11
Approved
Modification
Date
Name
Scale
TOLERANCE
1:1
X.X
X.XX
X.XXX
Angle
±0.40
±0.25
±0.15
±3°
Replace
Sheet
A-2004-2-4-LP/SMT-B-R
Modular Jack - SMT Side by Side Stackable,
for PCB Mount, Low Profile, 8P/8C, 6—” Gold plating
Complaint
RoHS
rev00
Material:
• Housing: Nylon (UL94V-0)
• Contacts: Phosphor Bronze
• Operating Temperature: -40°~+85°C
Electrical:
• Current Rating: 1.5A max.
• Voltage Rating: 120V AC


Similar Part No. - A-20042-LP-SMT-B

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-20042-LP-SMT-A ASSMANN-A-20042-LP-SMT-A Datasheet
195Kb / 1P
   HIGH TMEP Polyester
A-20042-LP-SMT-C ASSMANN-A-20042-LP-SMT-C Datasheet
186Kb / 1P
   HIGH TMEP Polyester
More results

Similar Description - A-20042-LP-SMT-B

ManufacturerPart #DatasheetDescription
logo
Assmann Electronics Inc...
A-20042-LPS ASSMANN-A-20042-LPS Datasheet
199Kb / 1P
   HIGH TMEP Polyester
A-20042-LP-SMT-A ASSMANN-A-20042-LP-SMT-A Datasheet
195Kb / 1P
   HIGH TMEP Polyester
A-20042-LP-FS ASSMANN-A-20042-LP-FS Datasheet
213Kb / 1P
   HIGH TMEP Polyester
A-20042-LP-SMT-C ASSMANN-A-20042-LP-SMT-C Datasheet
186Kb / 1P
   HIGH TMEP Polyester
A-2004-2-4-LP-SMT ASSMANN-A-2004-2-4-LP-SMT Datasheet
286Kb / 1P
   HIGH TEMP POLYESTER
logo
Electronic Film Capacit...
HV1313TC EFC-HV1313TC Datasheet
12Kb / 1P
   High Voltage Metallized Polyester Capacitors
logo
List of Unclassifed Man...
POLYPAD400 ETC2-POLYPAD400 Datasheet
473Kb / 2P
   Polyester based
logo
FIBOX Enclosing innovat...
7094320 FIBOX-7094320 Datasheet
57Kb / 2P
   Enclosure, polyester
13.01.2023
8104006 FIBOX-8104006 Datasheet
67Kb / 2P
   Polyester cabinet
26.07.2023
8104008 FIBOX-8104008 Datasheet
59Kb / 2P
   Polyester cabinet
26.07.2023
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com