Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9230 Datasheet(PDF) 6 Page - Intersil Corporation

Part # IRF9230
Description  -5.5A and -6.5A, -150V and -200V, 0.8 and 1.2 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9230 Datasheet(HTML) 6 Page - Intersil Corporation

  IRF9230 Datasheet HTML 1Page - Intersil Corporation IRF9230 Datasheet HTML 2Page - Intersil Corporation IRF9230 Datasheet HTML 3Page - Intersil Corporation IRF9230 Datasheet HTML 4Page - Intersil Corporation IRF9230 Datasheet HTML 5Page - Intersil Corporation IRF9230 Datasheet HTML 6Page - Intersil Corporation IRF9230 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6-6
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
I D, DRAIN CURRENT (A)
0
-3
-6
-9
-12
1.4
2.8
4.2
5.6
7.0
-15
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
0
VDS > ID(ON) x rDS(ON)MAX
80
µs PULSE TEST
-0.4
-1.0
-1.2
-1.6
-1.8
-0.6
VSD, SOURCE TO DRAIN VOLTAGE (V)
-0.8
-1.4
-0.1
-1.0
-10
-100
TJ = 25
oC
TJ = 150
oC
0
-5
-10
-15
0
8
16243240
VDS = -160V
VDS = -100V
VDS = -40V
ID = -6.5A
FOR TEST CIRCUIT
SEE FIGURES 19, 20
Qg(TOT), TOTAL GATE CHARGE (nC)
IRF9230, IRF9232
IRF9230, IRF9231, IRF9232, IRF9233


Similar Part No. - IRF9230

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9230 SAMSUNG-IRF9230 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
Seme LAB
IRF9230 SEME-LAB-IRF9230 Datasheet
22Kb / 2P
   P-CHANNEL POWER MOSFET
logo
International Rectifier
IRF9230 IRF-IRF9230 Datasheet
149Kb / 7P
   TRANSISTORS P-CHANNEL(Vdss=-200V, Rds(on)=0.80ohm, Id=-6.5A)
logo
New Jersey Semi-Conduct...
IRF9230 NJSEMI-IRF9230 Datasheet
115Kb / 2P
   Avalanche-Energy-Rated P-Channel Power MOSFETs
More results

Similar Description - IRF9230

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF220 INTERSIL-IRF220 Datasheet
68Kb / 7P
   4.0A and 5.0A, 150V and 200V, 0.8 and 1.2 Ohm, N-Channel Power MOSFETs
IRF9630 INTERSIL-IRF9630 Datasheet
63Kb / 7P
   6.5A, 200V, 0.800 Ohm, P-Channel Power MOSFETs
IRF230 INTERSIL-IRF230 Datasheet
69Kb / 7P
   8.0A and 9.0A, 150V and 200V, 0.4 and 0.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFD210 HARRIS-IRFD210 Datasheet
360Kb / 6P
   0.6A AND 0.45A, 150V AND 200V, 1.5 AND 2.4 OHM, N-CHANNEL POWER MOSFETS
IRFD9113 HARRIS-IRFD9113 Datasheet
342Kb / 6P
   -0.6A and -0.7A, -80V and -100V, 1.2 and 1.6 Ohm, P-Channel Power MOSFETs
logo
Intersil Corporation
IRF234 INTERSIL-IRF234 Datasheet
69Kb / 7P
   8.1A and 6.5A, 275V and 250V, 0.45 and 0.68 Ohm, N-Channel Power MOSFETs
January 1998
IRFAC40 INTERSIL-IRFAC40 Datasheet
67Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Harris Corporation
IRFBC40 HARRIS-IRFBC40 Datasheet
66Kb / 7P
   6.2A and 5.4A, 600V, 1.2 and 1.6 Ohm, N-Channel Power MOSFETs
logo
Intersil Corporation
RFL1N12 INTERSIL-RFL1N12 Datasheet
43Kb / 5P
   1A, 120V and 150V, 1.9 Ohm, N-Channel Power MOSFETs
RFP2N12 INTERSIL-RFP2N12 Datasheet
35Kb / 5P
   2A, 120V and 150V, 1.750 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com