Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2530 Datasheet(PDF) 11 Page - Analog Devices

Part # ADN2530
Description  11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2530 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADN2530_15 Datasheet HTML 7Page - Analog Devices ADN2530_15 Datasheet HTML 8Page - Analog Devices ADN2530_15 Datasheet HTML 9Page - Analog Devices ADN2530_15 Datasheet HTML 10Page - Analog Devices ADN2530_15 Datasheet HTML 11Page - Analog Devices ADN2530_15 Datasheet HTML 12Page - Analog Devices ADN2530_15 Datasheet HTML 13Page - Analog Devices ADN2530_15 Datasheet HTML 14Page - Analog Devices ADN2530_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
Data Sheet
ADN2530
Rev. B | Page 11 of 20
The equivalent circuits of the BSET, IBIAS, and IBMON pins
are shown in Figure 25 to Figure 27.
VCC
BSET
VCC
800
200
Figure 25. Equivalent Circuit of the BSET Pin
10
2k
100
IBIAS
VCC
VCC
Figure 26. Equivalent Circuit of the IBIAS Pin
VCC
IBMON
VCC
100
500
VCC
Figure 27. Equivalent Circuit of the IBMON Pin
The recommended configuration for BSET, IBIAS, and IBMON
is shown in Figure 28.
ADN2530
BSET
VBSET
GND
IBMON
IBIAS
TO LASER CATHODE
L
RIBMON
750
IBIAS
Figure 28. Recommended Configuration for BSET, IBIAS, and IBMON Pins
The circuit used to drive the BSET voltage must be able to drive
the 1 kΩ input resistance of the BSET pin. For proper operation
of the bias current source, the voltage at the IBIAS pin must be
between the compliance voltage specifications for this pin over
supply, temperature, and bias current range (see Table 1). The
maximum compliance voltage is specified for only two bias
current levels (2 mA and 25 mA), but it can be calculated for
any bias current by
VCOMPLIANCE (V) = VCC (V) − 0.75 − 22 × IBIAS (A)
See the Headroom Calculations section for examples.
The function of Inductor L is to isolate the capacitance of the
IBIAS output from the high frequency signal path. For
recommended components, see Table 6.
AUTOMATIC LASER SHUTDOWN (ALS)
The ALS pin is a digital input that enables/disables both the bias
and modulation currents, depending on the logic state applied,
as shown in Table 5.
Table 5.
ALS Logic State
IBIAS and IMOD
High
Disabled
Low
Enabled
Floating
Enabled
The ALS pin is compatible with 3.3 V CMOS and TTL logic
levels. Its equivalent circuit is shown in Figure 29.
VCC
ALS
VCC
100
35k
2k
Figure 29. Equivalent Circuit of the ALS Pin
MODULATION CURRENT
The modulation current can be controlled by applying a dc
voltage to the MSET pin. This voltage is converted into a dc
current by using a voltage-to-current converter that uses an
operational amplifier and a bipolar transistor, as shown in
Figure 30.
100Ω
200Ω
800Ω
MSET
GND
IMODP
IMODN
ADN2530
VCC
FROM CPA STAGE
IMOD
Figure 30. Generation of Modulation Current on the ADN2530
This dc current is switched by the data signal applied to the
input stage (DATAP and DATAN pins) and gained up by the
output stage to generate the differential modulation current at
the IMODP and IMODN pins. The output stage also generates
the active back-termination, which provides proper transmission
line termination. Active back-termination uses feedback around
an active circuit to synthesize a broadband termination resistance.


Similar Part No. - ADN2530_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2530YCPZ-R2 AD-ADN2530YCPZ-R2 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-REEL7 AD-ADN2530YCPZ-REEL7 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-WP AD-ADN2530YCPZ-WP Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
More results

Similar Description - ADN2530_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com