Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADN2530 Datasheet(PDF) 3 Page - Analog Devices

Part # ADN2530
Description  11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADN2530 Datasheet(HTML) 3 Page - Analog Devices

  ADN2530_15 Datasheet HTML 1Page - Analog Devices ADN2530_15 Datasheet HTML 2Page - Analog Devices ADN2530_15 Datasheet HTML 3Page - Analog Devices ADN2530_15 Datasheet HTML 4Page - Analog Devices ADN2530_15 Datasheet HTML 5Page - Analog Devices ADN2530_15 Datasheet HTML 6Page - Analog Devices ADN2530_15 Datasheet HTML 7Page - Analog Devices ADN2530_15 Datasheet HTML 8Page - Analog Devices ADN2530_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Data Sheet
ADN2530
Rev. B | Page 3 of 20
SPECIFICATIONS
VCC = VCCMIN to VCCMAX, TA = −40°C to +100°C, 100 Ω differential load impedance, crosspoint adjust disabled, unless otherwise noted.
Typical values are specified at 25°C and IMOD = 10 mA with crosspoint adjust disabled, unless otherwise noted.
Table 1.
Parameter
Min
Typ
Max
Unit
Test Conditions/Comments
BIAS CURRENT (IBIAS)
Bias Current Range
2
25
mA
Bias Current While ALS Asserted
50
µA
ALS = high
Compliance Voltage1
0.55
VCC – 1.3
V
IBIAS = 25 mA
0.55
VCC – 0.8
V
IBIAS = 2 mA
MODULATION CURRENT (IMODP, IMODN)
Modulation Current Range
2.2
23
mA diff
RLOAD = 35 Ω to 100 Ω differential
2.2
19
mA diff
RLOAD = 140 Ω differential
Modulation Current While ALS Asserted
250
µA diff
ALS = high
Crosspoint Adjust (CPA) Range2
35
65
%
Rise Time (20% to 80%)2, 3, 4
26
32.5
ps
CPA disabled
26.4
34.7
ps
CPA 35% to 65%
Fall Time (20% to 80%)2, 3, 4
26
32.5
ps
CPA disabled
26.5
33.7
ps
CPA 35% to 65%
Random Jitter2, 3, 4
<0.5
ps rms
CPA disabled
<0.5
ps rms
CPA 35% to 65%
Deterministic Jitter2, 4, 5
5.4
8.2
ps p-p
10.7 Gbps, CPA disabled
5.8
8.2
ps p-p
10.7 Gbps, CPA 35% to 65%
Deterministic Jitter 2, 4, 6
5.4
8.2
ps p-p
11.3 Gbps, CPA disabled
5.8
8.2
ps p-p
11.3 Gbps, CPA 35% to 65%
Differential |S22|
−5
dB
5 GHz < f < 10 GHz, Z0 = 100 Ω differential
−13.6
dB
f < 5 GHz, Z0 = 100 Ω differential
Compliance Voltage1
VCC − 0.7
VCC + 0.7
V
DATA INPUTS (DATAP, DATAN)
Input Data Rate
11.3
Gbps
NRZ
Differential Input Swing
0.4
1.6
V p-p diff
Differential ac-coupled
Differential |S11|
−15
dB
f < 10 GHz, Z0 = 100 Ω differential
Input Termination Resistance
85
100
115
Differential
BIAS CONTROL INPUT (BSET)
BSET Voltage to IBIAS Gain
15
20
24
mA/V
BSET Input Resistance
800
1000
1200
MODULATION CONTROL INPUT (MSET)
MSET Voltage to IMOD Gain
14
19
23
mA/V
MSET Input Resistance
800
1000
1200
BIAS MONITOR (IBMON)
IBMON to IBIAS Ratio
50
µA/mA
Accuracy of IBIAS to IBMON Ratio
−5.0
+5.0
%
IBIAS = 2 mA, RIBMON = 750 Ω
−4.3
+4.3
%
IBIAS = 4 mA, RIBMON = 750 Ω
−3.5
+3.5
%
IBIAS = 8 mA, RIBMON = 750 Ω
−3.0
+3.0
%
IBIAS = 14 mA, RIBMON = 750 Ω
−2.5
+2.5
%
IBIAS = 25 mA, RIBMON = 750 Ω
AUTOMATIC LASER SHUTDOWN (ALS)
VIH
2.4
V
VIL
0.8
V
IIL
−20
+20
µA
IIH
0
200
µA


Similar Part No. - ADN2530_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2530YCPZ-R2 AD-ADN2530YCPZ-R2 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-REEL7 AD-ADN2530YCPZ-REEL7 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2530YCPZ-WP AD-ADN2530YCPZ-WP Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
More results

Similar Description - ADN2530_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADN2530 AD-ADN2530 Datasheet
429Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential VCSEL Driver
REV. A
ADN2526 AD-ADN2526 Datasheet
474Kb / 16P
   11.3 Gbps Active Back-Termination, Differential Laser Diode Driver
Rev. A
ADN2531 AD-ADN2531 Datasheet
431Kb / 20P
   11.3 Gbps, Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET1191V TI-ONET1191V Datasheet
450Kb / 22P
[Old version datasheet]   11.3-GBPS DIFFERENTIAL VCSEL DRIVER
ONET8501V TI1-ONET8501V_14 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver
ONET8501V TI1-ONET8501V_17 Datasheet
1Mb / 29P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
logo
Analog Devices
ADN2525 AD-ADN2525 Datasheet
531Kb / 16P
   10.7 Gbps Active Back-Termination, Differential Laser Diode Driver
REV. 0
logo
Texas Instruments
ONET8501V TI-ONET8501V Datasheet
846Kb / 28P
[Old version datasheet]   11.3 Gbps Differential VCSEL Driver With Output Waveform Shaping
ONET1141L TI1-ONET1141L Datasheet
1,021Kb / 30P
[Old version datasheet]   11.3 Gbps Modulator Driver
ONET1101L TI-ONET1101L Datasheet
808Kb / 26P
[Old version datasheet]   11.3 Gbps Laser Diode Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com