Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AE-X32BXX-X Datasheet(PDF) 4 Page - Nel Frequency Controls,inc

Part # AE-X32BXX-X
Description  voltage controlled crystal oscillators (VCXO) provides high frequency with CMOS/LVCMOS output
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEL [Nel Frequency Controls,inc]
Direct Link  http://www.nelfc.com
Logo NEL - Nel Frequency Controls,inc

AE-X32BXX-X Datasheet(HTML) 4 Page - Nel Frequency Controls,inc

  AE-X32BXX-X Datasheet HTML 1Page - Nel Frequency Controls,inc AE-X32BXX-X Datasheet HTML 2Page - Nel Frequency Controls,inc AE-X32BXX-X Datasheet HTML 3Page - Nel Frequency Controls,inc AE-X32BXX-X Datasheet HTML 4Page - Nel Frequency Controls,inc AE-X32BXX-X Datasheet HTML 5Page - Nel Frequency Controls,inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
357 Beloit Street, P.O. Box 457, Burlington, WI 53105-0457 U.S.A. Phone 262/763-3591 FAX 262/763-2881
Email: nelsales@nelfc.com www.nelfc.com
Data Sheet 0706C
CRYSTAL OSCILLATORS
AE-X32BXX-X Series
Rev. M
Typical Phase Noise at 100 MHz


Similar Part No. - AE-X32BXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AE-X36DXXX-X NEL-AE-X36DXXX-X Datasheet
161Kb / 4P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with PECL/LVPECL or differential Sine-Wave complementary outputs
AE-X3A2XX-X NEL-AE-X3A2XX-X Datasheet
345Kb / 5P
   voltage controlled crystal oscillators (VCXO) provides high frequency with Sine-Wave output
More results

Similar Description - AE-X32BXX-X

ManufacturerPart #DatasheetDescription
logo
Nel Frequency Controls,...
AE-X3A2XX-X NEL-AE-X3A2XX-X Datasheet
345Kb / 5P
   voltage controlled crystal oscillators (VCXO) provides high frequency with Sine-Wave output
SD-X3DBXXX-X NEL-SD-X3DBXXX-X Datasheet
165Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVDS complementary output
SD-X36AXXX-X NEL-SD-X36AXXX-X Datasheet
163Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVPECL complementary output
SD-A3DAXXX-X NEL-SD-A3DAXXX-X Datasheet
164Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVDS complementary output
SD-X36BXXX-X NEL-SD-X36BXXX-X Datasheet
163Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with LVPECL complementary output
S9-X36HXX-X NEL-S9-X36HXX-X Datasheet
152Kb / 3P
   voltage controlled crystal oscillators (VCXO) provides low phase noise CMOS output
AE-X0A5XXXX-X NEL-AE-X0A5XXXX-X Datasheet
378Kb / 5P
   crystal oscillators (XO) provides high frequency with Sine-Wave or CMOS output
logo
Vectron International, ...
VC-400 VECTRON-VC-400 Datasheet
78Kb / 4P
   Voltage Controlled Crystal Oscillators (VCXO?셲)
logo
Nel Frequency Controls,...
AE-X36DXXX-X NEL-AE-X36DXXX-X Datasheet
161Kb / 4P
   voltage controlled crystal oscillators (VCXO) provides ultra high frequency with PECL/LVPECL or differential Sine-Wave complementary outputs
logo
Kyocera Kinseki Corpota...
KV7050A KSS-KV7050A Datasheet
129Kb / 1P
   Voltage Controlled Crystal Oscillators (VCXO) Surface Mount Type
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com