Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRF9540 Datasheet(PDF) 5 Page - Intersil Corporation

Part # IRF9540
Description  19A, 100V, 0.200 Ohm, P-Channel Power MOSFETs
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

IRF9540 Datasheet(HTML) 5 Page - Intersil Corporation

  IRF9540 Datasheet HTML 1Page - Intersil Corporation IRF9540 Datasheet HTML 2Page - Intersil Corporation IRF9540 Datasheet HTML 3Page - Intersil Corporation IRF9540 Datasheet HTML 4Page - Intersil Corporation IRF9540 Datasheet HTML 5Page - Intersil Corporation IRF9540 Datasheet HTML 6Page - Intersil Corporation IRF9540 Datasheet HTML 7Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
4-19
FIGURE 10. NORMALIZED DRAIN TO SOURCE BREAKDOWN
VOLTAGE vs JUNCTION TEMPERATURE
FIGURE 11. CAPACITANCE vs DRAIN TO SOURCE VOLTAGE
FIGURE 12. TRANSCONDUCTANCE vs DRAIN CURRENT
FIGURE 13. SOURCE TO DRAIN DIODE VOLTAGE
FIGURE 14. GATE TO SOURCE VOLTAGE vs GATE CHARGE
Typical Performance Curves Unless Otherwise Specified (Continued)
-40
0
40
80
120
160
TJ, JUNCTION TEMPERATURE (
oC)
1.15
1.05
0.95
0.85
0.75
ID = 250µA
2000
400
0
0
-20
-50
1200
VDS, DRAIN TO SOURCE VOLTAGE (V)
1600
800
-10
-30
-40
CISS = CGS + CGD
CRSS = CGD
COSS ≈ CDS + CGD
VGS = 0V, f = 1MHz
CISS
COSS
CRSS
9
6
3
0
-20
-40
ID, DRAIN CURRENT (A)
0
15
12
-60
-80
-100
TJ = 125
oC
TJ = 25
oC
TJ = -55
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
0.4
1.0
1.2
1.6
1.8
0.6
VSD, SOURCE TO DRAIN VOLTAGE (V)
0.8
1.4
0.1
1
10
100
TJ = 25
oC
TJ = 150
oC
PULSE DURATION = 80
µs
DUTY CYCLE = 0.5% MAX
Qg(TOT), GATE CHARGE (nC)
020
40
60
80
-10
- 5
0
VDS = -20V
VDS = -50V
VDS = -80V
ID = -19A
IRF9540, RF1S9540SM


Similar Part No. - IRF9540

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
508Kb / 12P
   P-CHANNEL POWER MOSFETS
logo
International Rectifier
IRF9540 IRF-IRF9540 Datasheet
125Kb / 8P
   Power MOSFET(Vdss=-100V, Rds(on)=0.117ohm, Id=-23A)
logo
Harris Corporation
IRF9540 HARRIS-IRF9540 Datasheet
424Kb / 7P
   P-CHANNEL POWER MOSFETS
logo
Samsung semiconductor
IRF9540 SAMSUNG-IRF9540 Datasheet
381Kb / 6P
   P-CHANNEL POWER MOSFETS
logo
Vishay Siliconix
IRF9540 VISHAY-IRF9540 Datasheet
1Mb / 8P
   Power MOSFET
Rev. A, 20-Jun-08
More results

Similar Description - IRF9540

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF9140 INTERSIL-IRF9140 Datasheet
59Kb / 7P
   -19A, -100V, 0.200 Ohm, P-Channel Power MOSFET
IRFP9140 INTERSIL-IRFP9140 Datasheet
59Kb / 7P
   19A, 100V, 0.200 Ohm, P-Channel Power MOSFET
logo
Shindengen Electric Mfg...
P19LA10SL SHINDENGEN-P19LA10SL Datasheet
1Mb / 7P
   Power MOSFETs 100V, 19A, N-channel
logo
Unisonic Technologies
UTT18P10 UTC-UTT18P10 Datasheet
243Kb / 6P
   100V, 19A P-CHANNEL POWER MOSFET
logo
Intersil Corporation
FRE9260D INTERSIL-FRE9260D Datasheet
47Kb / 6P
   19A, -200V, 0.210 Ohm, Rad Hard, P-Channel Power MOSFETs
June 1998
BUZ21 INTERSIL-BUZ21 Datasheet
46Kb / 6P
   19A, 100V, 0.100 Ohm, N-Channel Power MOSFET
October 1998
IRFR9120 INTERSIL-IRFR9120 Datasheet
73Kb / 7P
   5.6A, 100V, 0.600 Ohm, P-Channel Power MOSFETs
IRF9530 INTERSIL-IRF9530 Datasheet
63Kb / 7P
   12A, 100V, 0.300 Ohm, P-Channel Power MOSFETs
IRFR9110 INTERSIL-IRFR9110 Datasheet
62Kb / 7P
   3.1A, 100V, 1.200 Ohm, P-Channel Power MOSFETs
logo
Fairchild Semiconductor
HUF75309P3 FAIRCHILD-HUF75309P3 Datasheet
218Kb / 10P
   19A, 55V, 0.070 Ohm, N-Channel UltraFET Power MOSFETs
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com